Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14850AEE+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14850AEE+
Description  Six-Channel Digital Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14850AEE+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14850AEE+ Datasheet HTML 1Page - Maxim Integrated Products MAX14850AEE+ Datasheet HTML 2Page - Maxim Integrated Products MAX14850AEE+ Datasheet HTML 3Page - Maxim Integrated Products MAX14850AEE+ Datasheet HTML 4Page - Maxim Integrated Products MAX14850AEE+ Datasheet HTML 5Page - Maxim Integrated Products MAX14850AEE+ Datasheet HTML 6Page - Maxim Integrated Products MAX14850AEE+ Datasheet HTML 7Page - Maxim Integrated Products MAX14850AEE+ Datasheet HTML 8Page - Maxim Integrated Products MAX14850AEE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
(VCCA - VGNDA = 3.0V to 5.5V, VCCB - VGNDB = 3.0V to 5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at
VCCA - VGNDA = 3.3V, VCCB - VGNDB = 3.3V, and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Output Logic-High
Voltage
VOH
OUTA1, OUTA2, relative to GNDA,
source current = 4mA
VCCA - 0.4
V
OUTB1, OUTB2, relative to GNDB,
source current = 4mA
VCCB - 0.4
Output Logic-Low
Voltage
VOL
OUTA1, OUTA2, relative to GNDA,
sink current = 4mA
0.8
V
OUTB1, OUTB2, relative to GNDB,
sink current = 4mA
0.8
I/OA1, I/OA2, relative to GNDA,
sink current = 10mA
0.6
0.9
I/OA1, I/OA2, relative to GNDA,
sink current = 0.5mA
0.6
0.85
I/OB1, I/OB2, relative to GNDB,
sink current = 30mA
0.4
Input/Output Logic-Low
Threshold Difference
∆VTOL
I/OA1, I/OA2 (Note 5)
50
mV
Input Capacitance
CIN
INA1, INA2, INB1, INB2, f = 1MHz
2
pF
DYNAMIC SWITCHING CHARACTERISTICS
Common-Mode
Transient Immunity
CMTI
VIN = VCC_ or VGND_ (Notes 2, 6)
1.5
kV/µs
Maximum Data Rate
(Note 2)
DRMAX
INA1 to OUTB1, INA2 to OUTB2, INB1 to
OUTA1, INB2 to OUTA2
50
Mbps
I/OA1 to I/OB1, I/OA2 to I/OB2, I/OB1 to I/OA1,
I/OB2 to I/OA2
2
Minimum Pulse Width
PWMIN
INA1 to OUTB1, INA2 to OUTB2, INB1 to
OUTA1, INB2 to OUTA2 (Note 2)
20
ns
Propagation Delay
(Note 2)
tDPLH
tDPHL
INA1 to OUTB1, INA2 to
OUTB2, INB1 to OUTA1,
INB2 to OUTA2,
RL = 1MΩ, CL = 15pF,
Figure 1
VCCA = VCCB =
3.3V
20
30
ns
VCCA = VCCB = 5V
18
26
I/OA1 to I/OB1, I/OA2 to
I/OB2, R1 = 1.6kΩ,
R2 = 180Ω, CL1 = CL2 =
15pF, Figure 2
VCCA = VCCB =
3.3V
30
100
VCCA = VCCB = 5V
30
100
I/OB1 to I/OA1, I/OB2 to
I/OA2, R1 = 1kΩ,
R2 = 120Ω, CL1 = CL2 =
15pF, Figure 2
VCCA = VCCB =
3.3V
60
100
VCCA = VCCB = 5V
60
100
Electrical Characteristics (continued)
MAX14850
Six-Channel Digital Isolator
www.maximintegrated.com
Maxim Integrated │ 4


Similar Part No. - MAX14850AEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
More results

Similar Description - MAX14850AEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
   Low Power Six-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI846X SKYWORKS-SI846X Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
logo
Silicon Laboratories
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8065 SILABS-SI8065 Datasheet
1Mb / 9P
   THREE TO SIX CHANNEL DIGITAL ISOLATOR EVALUATION BOARD USERS GUIDE
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com