Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14850AEE+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14850AEE+
Description  Six-Channel Digital Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14850AEE+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14850AEE+ Datasheet HTML 1Page - Maxim Integrated Products MAX14850AEE+ Datasheet HTML 2Page - Maxim Integrated Products MAX14850AEE+ Datasheet HTML 3Page - Maxim Integrated Products MAX14850AEE+ Datasheet HTML 4Page - Maxim Integrated Products MAX14850AEE+ Datasheet HTML 5Page - Maxim Integrated Products MAX14850AEE+ Datasheet HTML 6Page - Maxim Integrated Products MAX14850AEE+ Datasheet HTML 7Page - Maxim Integrated Products MAX14850AEE+ Datasheet HTML 8Page - Maxim Integrated Products MAX14850AEE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX14850 is a six-channel digital isolator utilizing
Maxim’s proprietary process technology, whose mono-
lithic design provides a compact and low-cost transfer
of digital signals between circuits with different power
domains. The technology enables low power consump-
tion and stable high-temperature performance.
The four unidirectional channels are each capable of DC
to 50Mbps, with two of the four channels passing data
across the isolation barrier in each direction. The two
bidirectional channels are open-drain; each capable of
data rates from DC to 2Mbps.
Independent 3.0V to 5.5V supplies on each side of the
isolator also make it suitable for use as a level translator.
The MAX14850 can be used for isolating SPI buses, I2C
buses, RS-232, RS-485/RS-422 buses, and general-pur-
pose isolation. When used as a bus isolator, extra chan-
nels are available for power monitoring and reset signals.
The MAX14850 is available in a narrow body,16-pin SOIC
(10mm x 4mm) package (for which an evaluation kit is
available) and 16-pin QSOP (3.9mm x 4.94mm) package.
The packages are specified over the -40°C to +125°C
temperature range.
For improved performance, refer to the MAX14851.
The MAX14851 has the same functionality and pin con-
figurations, and can be used as a footprint and functional
replacement for the MAX14850.
Applications
● Industrial Control Systems
● I2C, SPI, SMBus, PMBus™ Interfaces
● Isolated RS-232, RS-485/RS-422
● Telecommunication Systems
● Battery Management
● Medical Systems
Benefits and Features
● Protection from High-Voltage Environments
• 600VRMS Isolation for 60 Seconds
• Short-Circuit Protection on Unidirectional Outputs
• 200VRMS Working Isolation Voltage for 50 Years
● Complete Digital Isolation Solution
• Four Unidirectional Signal Paths: 2-In/2-Out
• Two Bidirectional Open-Drain Signal Paths
• 50Mbps (max) Unidirectional Data Rate
• 2Mbps (max) Bidirectional Data Rate
● Compatible with Many Interface Standards
• I2C
• SPI
• RS-232, RS-422/RS-485
• SMBus, PMBus Interfaces
Ordering Information appears at end of data sheet.
PMBus is a trademark of SMIF, Inc.
19-6161; Rev 3; 9/19
Typical Operating Circuits
I/OA1
RST
CS
SCLK ADC
MOSI
MISO
GPIO1
I/OA2
GPIO2
INA1
SCLK
INA2
MOSI
OUTA1
MISO
OUTA2
I/OB1
I/OB2
OUTB1
OUTB2
INB1
INB2
GPIO3
µC
GNDA GNDB
VCCA
VCCB
RPUA
RPUA
RPUB
RPUB
0.1µF
0.1µF
3.3V
5V
VCCB MONITOR
MAX14850
600VRMS
ISOLATION
MAX14850
Six-Channel Digital Isolator
EVALUATION KIT AVAILABLE
Click
here for production status of specific part numbers.


Similar Part No. - MAX14850AEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
More results

Similar Description - MAX14850AEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
   Low Power Six-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI846X SKYWORKS-SI846X Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
logo
Silicon Laboratories
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8065 SILABS-SI8065 Datasheet
1Mb / 9P
   THREE TO SIX CHANNEL DIGITAL ISOLATOR EVALUATION BOARD USERS GUIDE
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com