Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEN-14348 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # SEN-14348
Description  SparkFun Environmental Combo Breakout - CCS811/BME280 (Qwiic)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

SEN-14348 Datasheet(HTML) 1 Page - SparkFun Electronics

  SEN-14348 Datasheet HTML 1Page - SparkFun Electronics SEN-14348 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
SparkFun Environmental Combo Breakout -
CCS811/BME280 (Qwiic)
SEN-14348 RoHS
The SparkFun CCS811/BME280 Environmental Combo Breakout takes care of all your atmospheric-
quality sensing needs with the popular CCS811 and BME280 ICs. This unique breakout provides a
variety of environmental data, including barometric pressure, humidity, temperature, TVOCs and
equivalent CO
2
(or eCO
2
) levels. To make it even easier to use this breakout, all communication is
enacted exclusively via I2C, utilizing our handy Qwiic system. However, we still have broken out 0.1"
spaced pins in case you prefer to use a breadboard.
The CCS811 is an exceedingly popular sensor, providing readings for equivalent CO
2
(or eCO
2
) in
the parts per million (PPM) and total volatile organic compounds in the parts per billion (PPB). The
CCS811 also has a feature that allows it to fine-tune its readings if it has access to the current
humidity and temperature. Luckily for us, the BME280 provides humidity, temperature and
barometric pressure! This allows the sensors to work together to give us more accurate readings
than they’d be able to provide on their own. We also made it easy to interface with them via I2C.
The SparkFun Qwiic connect system is an ecosystem of I2C sensors, actuators, shields and cables
that make prototyping faster and less prone to error. All Qwiic-enabled boards use a common 1mm
pitch, 4-pin JST connector. This reduces the amount of required PCB space, and polarized
connections mean you can’t hook it up wrong.


Similar Part No. - SEN-14348

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
SEN-14347 SPARKFUN-SEN-14347 Datasheet
204Kb / 3P
SparkFun Spectral Sensor Breakout - AS7262 Visible (Qwiic)
10??3??7
More results

Similar Description - SEN-14348

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
BOB-15931 SPARKFUN-BOB-15931 Datasheet
253Kb / 2P
SparkFun Qwiic Button Breakout
1??9??0
GPS-14414 SPARKFUN-GPS-14414 Datasheet
195Kb / 3P
SparkFun GPS Breakout - XA1110 (Qwiic)
10??3??7
GPS-15193 SPARKFUN-GPS-15193 Datasheet
190Kb / 2P
SparkFun GPS Breakout - ZOE-M8Q (Qwiic)
4??7??9
LCD-14532 SPARKFUN-LCD-14532 Datasheet
168Kb / 2P
SparkFun Micro OLED Breakout (Qwiic)
1??2??8
LCD-15079 SPARKFUN-LCD-15079 Datasheet
190Kb / 4P
SparkFun Transparent OLED HUD Breakout (Qwiic)
3????9
LCD-15173 SPARKFUN-LCD-15173 Datasheet
130Kb / 2P
SparkFun Transparent Graphical OLED Breakout (Qwiic)
3??5??9
SEN-14193 SPARKFUN-SEN-14193 Datasheet
932Kb / 1P
SparkFun Air Quality Breakout - CCS811
4-28-17
SEN-14539 SPARKFUN-SEN-14539 Datasheet
260Kb / 4P
SparkFun Distance Sensor Breakout - RFD77402 (Qwiic)
4????8
SEN-15440 SPARKFUN-SEN-15440 Datasheet
220Kb / 2P
SparkFun Atmospheric Sensor Breakout - BME280 (Qwiic)
8??8??9
SEN-16474 SPARKFUN-SEN-16474 Datasheet
262Kb / 2P
SparkFun Photodetector Breakout - MAX30101 (Qwiic)
7????0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com