Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEN-09963 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # SEN-09963
Description  SparkFun RFID USB Reader
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

SEN-09963 Datasheet(HTML) 1 Page - SparkFun Electronics

  SEN-09963 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
SparkFun RFID USB Reader
SEN-09963 RoHS
Description: The SparkFun RFID USB Reader is a simple to use, USB to serial base unit for the ID-
3LA, ID-12LA, and ID-20LA readers. Simply plug a reader into the headers and attach a miniUSB
cable. Open a terminal program of your choice at 9600bps 8N1, then scan your 125kHz ID tag and
the unique 32-bit ID will be shown on the screen. The unit is based on a FTDI chip and comes with a
read LED and buzzer.
This new revision uses SMD headers for the RFID module, and has a solder jumper which allows
you to disable or enable the buzzer.
Note: This product does not come with the RFID reader. Check below for compatible readers.
                                               https://www.sparkfun.com/products/9963 6‐20‐17 


Similar Part No. - SEN-09963

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
SEN-09416 SPARKFUN-SEN-09416 Datasheet
91Kb / 2P
RFID Glass Capsule (125kHz)
6??0??7
SEN-09417 SPARKFUN-SEN-09417 Datasheet
96Kb / 2P
RFID Button - 16mm (125kHz)
6??0??7
SEN-09569 SPARKFUN-SEN-09569 Datasheet
103Kb / 1P
SparkFun Humidity Sensor Breakout - HIH- 4030
6/24/2015
More results

Similar Description - SEN-09963

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
SEN-15191 SPARKFUN-SEN-15191 Datasheet
2Mb / 2P
SparkFun RFID Qwiic Reader
3??8??9
SEN-13030 SPARKFUN-SEN-13030 Datasheet
87Kb / 1P
SparkFun RFID Reader Breakout
6??0??7
logo
Abracon Corporation
ARRRN5-915.000MHZ ABRACON-ARRRN5-915.000MHZ Datasheet
3Mb / 2P
RFID Reader (Passive)
11.17.14
ARRTN5-915.000MHZ ABRACON-ARRTN5-915.000MHZ Datasheet
4Mb / 2P
RFID Reader (Passive)
11.24.14
ARRAN5-868.000MHZ ABRACON-ARRAN5-868.000MHZ Datasheet
2Mb / 2P
RFID Reader (Passive)
11.17.14
ARRCN5-915.000MHZ ABRACON-ARRCN5-915.000MHZ Datasheet
1Mb / 2P
RFID Reader (Passive)
11.17.14
ARRSN5-915.000MHZ ABRACON-ARRSN5-915.000MHZ Datasheet
4Mb / 2P
RFID Reader (Passive)
11.24.14
ARRAN5-915.000MHZ ABRACON-ARRAN5-915.000MHZ Datasheet
2Mb / 2P
RFID Reader (Passive)
11.17.14
ARRCN5-868.000MHZ ABRACON-ARRCN5-868.000MHZ Datasheet
2Mb / 2P
RFID Reader (Passive)
11.17.14
ARRRN5-868.000MHZ ABRACON-ARRRN5-868.000MHZ Datasheet
3Mb / 2P
RFID Reader (Passive)
11.17.14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com