Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG6263AM Datasheet(PDF) 3 Page - Weida Semiconductor, Inc.

Part # CG6263AM
Description  2Mb (128K x 16) Pseudo Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

CG6263AM Datasheet(HTML) 3 Page - Weida Semiconductor, Inc.

  CG6263AM Datasheet HTML 1Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 2Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 3Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 4Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 5Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 6Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 7Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 8Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PRELIMINARY
CG6263AM
38-XXXXX
Page - 3 - of 12
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................ –65°C to + 150°C
Ambient Temperature with
Power Applied............................................ –55°C to + 125°C
Supply Voltage to Ground Potential ................. –0.4V to 4.6V
DC Voltage Applied to Outputs
in High Z State[5, 6, 7] ........................................–0.4V to 3.3V
DC Input Voltage[5, 6, 7].....................................–0.4V to 3.3V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current .....................................................>200 mA
Operating Range[9]
Device
Range
Ambient Temperature
VCC
CG6263AM
Industrial
–25°C to +85°C
2.70V to 3.30V
Product Portfolio
Product
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating ICC(mA)
Standby ISB2(µA)
f = 1MHz
f = fmax
Min.
Typ.[8]
Max.
Typ.[8]
Max.
Typ.[8]
Max.
Typ.[8]
Max.
CG6263AM
2.70
3.0
3.30
70
2
4
13
17
55
80
Notes:
5.
VIL(MIN) = -0.5V for pulse durations less than 20ns.
6.
VIH(Max) = Vcc + 0.5V for pulse durations less than 20ns.
7.
Overshoot and undershoot specifications are characterized and are not 100% tested.
8.
Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ.), TA = 25°C.
9.
Vcc must be at minimal operational levels before inputs are turned ON.


Similar Part No. - CG6263AM

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
CG6264AM WEIDA-CG6264AM Datasheet
226Kb / 12P
2Mb (128K x 16) Pseudo Static RAM
More results

Similar Description - CG6263AM

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011BV33 CYPRESS-CY7C1011BV33 Datasheet
153Kb / 10P
128K x 16 Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
128K x 16 Static RAM
October 10, 2002
CY62136VLL CYPRESS-CY62136VLL Datasheet
218Kb / 12P
128K x 16 Static RAM
logo
Weida Semiconductor, In...
CG6264AM WEIDA-CG6264AM Datasheet
226Kb / 12P
2Mb (128K x 16) Pseudo Static RAM
WCMC2016V1X WEIDA-WCMC2016V1X Datasheet
135Kb / 5P
128K x 16 Pseudo Static RAM DIE
logo
Cypress Semiconductor
CY62137CV18 CYPRESS-CY62137CV18_02 Datasheet
251Kb / 11P
128K x 16 Static RAM
CYK128K16MCCB CYPRESS-CYK128K16MCCB Datasheet
178Kb / 9P
2-Mbit (128K x 16) Pseudo Static RAM
CYK128K16SCCB CYPRESS-CYK128K16SCCB Datasheet
182Kb / 10P
2-Mbit (128K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L216128DA ESMT-M24L216128DA Datasheet
350Kb / 14P
2-Mbit (128K x 16) Pseudo Static RAM
M24L216128SA ESMT-M24L216128SA Datasheet
345Kb / 14P
2-Mbit (128K x 16) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com