Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG6263AM Datasheet(PDF) 11 Page - Weida Semiconductor, Inc.

Part # CG6263AM
Description  2Mb (128K x 16) Pseudo Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

CG6263AM Datasheet(HTML) 11 Page - Weida Semiconductor, Inc.

Back Button CG6263AM Datasheet HTML 4Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 5Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 6Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 7Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 8Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 9Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 10Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 11Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 12Page - Weida Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PRELIMINARY
CG6263AM
38-XXXXX
Page - 11 - of 12
© Weida Semiconductor, Inc., 2002. The information contained herein is subject to change without notice. Weida Semiconductor assumes no responsibility for the use of any circuitry other than
circuitry embodied in a Weida Semiconductor product. Nor does it convey or imply any license under patent or other rights. Weida Semiconductor does not authorize its products for use as
critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Weida Semiconductor products
in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Weida Semiconductor against all charges.
Package
MoBL and More Battery Life are trademarks of Cypress Semiconductor Corporation. All product and company names mentioned
in this document may be the trademarks of their respective holders
H
B
A1 CORNER
0.75
Ø0.30±0.05(48X)
Ø0.25 M C A B
Ø0.05 M C
B
A
0.15(4X)
C
SEATING PLANE
A1 CORNER
TOP VIEW
BOTTOM VIEW
C
D
E
3.75
1
2
3
4
5
6
A
G
F
6.00±0.10
A
6.00±0.10
B
1.875
REFERENCE JEDEC MO-207
6
12
4
35
H
E
G
F
D
C
B
A
48-Ball (6 mm x 8mm x 1.2 mm) FBGA BA48K
51-85193-*A


Similar Part No. - CG6263AM

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
CG6264AM WEIDA-CG6264AM Datasheet
226Kb / 12P
2Mb (128K x 16) Pseudo Static RAM
More results

Similar Description - CG6263AM

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011BV33 CYPRESS-CY7C1011BV33 Datasheet
153Kb / 10P
128K x 16 Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
128K x 16 Static RAM
October 10, 2002
CY62136VLL CYPRESS-CY62136VLL Datasheet
218Kb / 12P
128K x 16 Static RAM
logo
Weida Semiconductor, In...
CG6264AM WEIDA-CG6264AM Datasheet
226Kb / 12P
2Mb (128K x 16) Pseudo Static RAM
WCMC2016V1X WEIDA-WCMC2016V1X Datasheet
135Kb / 5P
128K x 16 Pseudo Static RAM DIE
logo
Cypress Semiconductor
CY62137CV18 CYPRESS-CY62137CV18_02 Datasheet
251Kb / 11P
128K x 16 Static RAM
CYK128K16MCCB CYPRESS-CYK128K16MCCB Datasheet
178Kb / 9P
2-Mbit (128K x 16) Pseudo Static RAM
CYK128K16SCCB CYPRESS-CYK128K16SCCB Datasheet
182Kb / 10P
2-Mbit (128K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L216128DA ESMT-M24L216128DA Datasheet
350Kb / 14P
2-Mbit (128K x 16) Pseudo Static RAM
M24L216128SA ESMT-M24L216128SA Datasheet
345Kb / 14P
2-Mbit (128K x 16) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com