Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG6257AM Datasheet(PDF) 6 Page - Weida Semiconductor, Inc.

Part # CG6257AM
Description  4Mb (256K x 16) Pseudo Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

CG6257AM Datasheet(HTML) 6 Page - Weida Semiconductor, Inc.

Back Button CG6257AM Datasheet HTML 2Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 3Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 4Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 5Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 6Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 7Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 8Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 9Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 10Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PRELIMINARY
CG6257AM
38-XXXXX
Page - 6 - of 12
Switching Characteristics Over the Operating Range[11]
Parameter
Description
70 ns
Unit
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
70
ns
tAA
Address to Data Valid
70
ns
tOHA
Data Hold from Address Change
10
ns
tACE
CE LOW to Data Valid
70
ns
tDOE
OE LOW to Data Valid
35
ns
tLZOE
OE LOW to LOW Z[12, 14]
5
ns
tHZOE
OE HIGH to High Z[12, 14]
25
ns
tLZCE
CE LOW to Low Z[12, 14]
5
ns
tHZCE
CE HIGH to High Z[12, 14]
25
ns
tDBE
BLE / BHE LOW to Data Valid
70
ns
tLZBE
BLE / BHE LOW to Low Z[12, 14]
5
ns
tHZBE
BLE / BHE HIGH to HIGH Z[12, 14]
25
ns
tSK
Address Skew
0
ns
WRITE CYCLE[13]
tWC
Write Cycle Time
70
ns
tSCE
CE LOW to Write End
60
ns
tAW
Address Set-Up to Write End
60
ns
tHA
Address Hold from Write End
0
ns
tSA
Address Set-Up to Write Start
0
ns
tPWE
WE Pulse Width
45
ns
tBW
BLE / BHE LOW to Write End
60
ns
tSD
Data Set-Up to Write End
45
ns
tHD
Data Hold from Write End
0
ns
tHZWE
WE LOW to High-Z[12, 14]
25
ns
tLZWE
WE HIGH to Low-Z[12, 14]
5
ns
Notes:
11. Test conditions for all parameters other than tri-state parameters assume signal transition time of 1ns/V, timing reference levels of VCC(typ)/2, input pulse
levels of 0V to VCC(typ.), and output loading of the specified IOL/IOH as shown in the “AC Test Loads and Waveforms” section..
12. tHZOE, tHZCE, tHZBE, and tHZWE transitions are measured when the outputs enter a high impedence state.
13. The internal Write time of the memory is defined by the overlap of WE, CE = VIL, BHE and/or BLE = VIL. All signals must be ACTIVE to initiate a write and
any of these signals can terminate a write by going INACTIVE. The data input set-up and hold timing should be referenced to the edge of the signal that
terminates the write
14. High-Z and Low-Z parameters are characterized and are not 100% tested. .


Similar Part No. - CG6257AM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CG6250 LITTELFUSE-CG6250 Datasheet
706Kb / 4P
   The Littelfuse CG6 series GDT is a miniature surface-mount device with a 3kA 8/20 surge rating
logo
Weida Semiconductor, In...
CG6258AM WEIDA-CG6258AM Datasheet
295Kb / 12P
   4Mb (256K x 16) Pseudo Static RAM
More results

Similar Description - CG6257AM

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
CG6258AM WEIDA-CG6258AM Datasheet
295Kb / 12P
   4Mb (256K x 16) Pseudo Static RAM
logo
Sharp Corporation
LH5PV16256 SHARP-LH5PV16256 Datasheet
116Kb / 14P
   CMOS 4M (256K x 16) Pseudo-Static RAM
logo
Cypress Semiconductor
CYK256K16MCCB CYPRESS-CYK256K16MCCB Datasheet
388Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
CYK256K16SCCB CYPRESS-CYK256K16SCCB Datasheet
314Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L416256SA ESMT-M24L416256SA Datasheet
322Kb / 14P
   4-Mbit (256K x 16) Pseudo Static RAM
M24L416256DA ESMT-M24L416256DA Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
October 4, 1999
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com