Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GHDDVIC4K3 Datasheet(PDF) 2 Page - IOGEAR

Part # GHDDVIC4K3
Description  HDMI (M) to DVI-D (M) Adapter Cable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GHDDVIC4K3 Datasheet(HTML) 2 Page - IOGEAR

  GHDDVIC4K3 Datasheet HTML 1Page - IOGEAR GHDDVIC4K3 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
1 HDMI or DVI-D
output source
1 DVI or HDMI input
source
Package Contents
1 x 4K @ 30Hz HDMI
to DVI Converter
Cable
1 x Warranty Card
Specifications
Function
GHDDVIC4K3
Cable Connections
Input
HDMI-A Male
Output
DVI-D Male
Cable Length
6.6 Feet 30 AWG
Materials
Cable Jacket
0.2" Black PVC
Video
DVI-D( Dual Link)
Supports 4K resolution
Video Resolution
4K @ 30Hz
Warranty
Limited Lifetime
Dimensions
GHDDVIC4K3
POP Information
10'' Peg Hook
16
Unit Dimensions
Length
6.6 feet 30AWG
Unit Package Dimensions
Width
7.50 in
Height
9.50 in
Depth
0.125 in
Master Carton
Width
19.50 in
Height
10 in
Depth
12.50 in
Master Carton Qty.
48
Weight
Master Carton Wt.
21.05 lb
Unit Pack Wt.
0.40 lb
Unit Wt.
0.39 lb


Similar Part No. - GHDDVIC4K3

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
GHD258102MA6N AVX-GHD258102MA6N Datasheet
128Kb / 2P
Multi-Cap Arrays
GHD258102PA6N AVX-GHD258102PA6N Datasheet
128Kb / 2P
Multi-Cap Arrays
GHD258102ZA6N AVX-GHD258102ZA6N Datasheet
128Kb / 2P
Multi-Cap Arrays
GHD259102MA6N AVX-GHD259102MA6N Datasheet
128Kb / 2P
Multi-Cap Arrays
GHD259102PA6N AVX-GHD259102PA6N Datasheet
128Kb / 2P
Multi-Cap Arrays
More results

Similar Description - GHDDVIC4K3

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132000 TRIPPLITE-P132000 Datasheet
501Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F-M)
P566003 TRIPPLITE-P566003 Datasheet
499Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M-M), 3-ft
P566012 TRIPPLITE-P566012 Datasheet
499Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 12-ft
P566030 TRIPPLITE-P566030 Datasheet
499Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M-M), 30-ft
P566050 TRIPPLITE-P566050 Datasheet
498Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 50-ft
P566006 TRIPPLITE-P566006 Datasheet
500Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 6-ft
P566010 TRIPPLITE-P566010 Datasheet
499Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 10-ft
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com