Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT2005EP Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MDT2005EP
Description  8-bit micro-controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MDT2005EP Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MDT2005EP Datasheet HTML 6Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 7Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 8Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 9Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 10Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 11Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 12Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 13Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MDT2005
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 10
VER1.1
Cext. (F)
Rext. (Ohm)
Frequency (Hz)
Current (A)
4.7 K
6.2M
1.2 mA
10.0 K
3.1 M
740
µA
20P
47.0 K
740 K
385
µA
100.0 K
340 K
320
µA
300.0 K
115 K
300
µA
470.0 K
74 K
290
µA
4.7 K
1.9 M
560
µA
10.0 K
960 K
420
µA
100P
47.0 K
215 K
310
µA
100.0 K
100 K
300
µA
300.0 K
35 K
285
µA
470.0 K
22 K
280
µA
4.7 K
765 K
400
µA
10.0 K
380 K
330
µA
300P
47.0 K
85 K
285
µA
100.0 K
40 K
280
µA
300.0 K
13.5 K
275
µA
470.0 K
8.5 K
270
µA
(ii) OSC Type=LF (C=20 p); WDT-Disable
Voltage/Frequency
32 K
455 K
1 M
Sleep
2.3 V
45
µA
70
µA
X
<1.0
µA
3.0 V
78
µA
115
µA
176
µA
<1.0
µA
4.0 V
135
µA
120
µA
265
µA
2
µA
5.0 V
210
µA
275
µA
375
µA
6
µA
6.3 V
350
µA
420
µA
570
µA
10
µA


Similar Part No. - MDT2005EP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT2005 ETC1-MDT2005 Datasheet
73Kb / 15P
   8-bit micro-controller uses a fully static CMOS design technology
logo
Micon Design Technology...
MDT2005IB MDTIC-MDT2005IB Datasheet
109Kb / 15P
   8-bit micro-controller
MDT2005JG MDTIC-MDT2005JG Datasheet
126Kb / 15P
   8-bit micro-controller
More results

Similar Description - MDT2005EP

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com