Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT2005EP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MDT2005EP
Description  8-bit micro-controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MDT2005EP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MDT2005EP Datasheet HTML 1Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 2Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 3Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 4Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 5Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 6Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 7Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 8Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MDT2005
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 5
VER1.1
(9) CPIO A, CPIO B (Control Port I/O Mode Register)
The CPIO register is “write-only”
=“0”, I/O pin in output mode;
=“1”, I/O pin in input mode.
(10) EPROM Option by writer programming :
Oscillator Type
Oscillator Start-up Time
RC
Oscillator
150
µs,20ms,40ms,80ms
HFXT Oscillator
20 ms,40ms,80ms
XTAL Oscillator
20ms,40 ms,80ms
LFXT Oscillator
40 ms,80 ms
Watchdog Timer control
Watchdog timer disable all the time
Watchdog timer enable all the time
Power Edge Detect
Security bit
PED
Disable
Security weak Disable
PED
Enable
Security Disable
Security Enable
The default EPROM security is weak disable. Once the IC was set in enable or disable, it’s
forbidden to set in disable or enable again.
(B) Program Memory
Address
Description
000-1FF
Program memory for MDT2005
1FF
The starting address of the power on, external reset
or WDT for MDT2005


Similar Part No. - MDT2005EP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT2005 ETC1-MDT2005 Datasheet
73Kb / 15P
   8-bit micro-controller uses a fully static CMOS design technology
logo
Micon Design Technology...
MDT2005IB MDTIC-MDT2005IB Datasheet
109Kb / 15P
   8-bit micro-controller
MDT2005JG MDTIC-MDT2005JG Datasheet
126Kb / 15P
   8-bit micro-controller
More results

Similar Description - MDT2005EP

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com