Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT2005EP Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # MDT2005EP
Description  8-bit micro-controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MDT2005EP Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button MDT2005EP Datasheet HTML 7Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 8Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 9Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 10Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 11Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 12Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 13Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 14Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
MDT2005
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 15
VER1.1
13. External Capacitor Selection For Crystal Oscillator
@ Vdd=3.0V~5.0 V
Osc. Type
Resonator Freq.
C1
C2
20 MHz
5 pF ~10 pF
10 pF~20 pF
HF
10 MHz
10 pF ~50 pF
20 pF ~100 pF
4 MHz
10 pF ~30 pF
20 pF ~100 pF
10 MHz
10 pF ~30 pF
10 pF ~50 pF
XT
4 MHz
10 pF ~50 pF
10 pF ~100 pF
1 MHz
10 pF ~30 pF
10 pF ~50 pF
1 MHz
5 pF ~10 pF
5 pF ~10 pF
LF
455 K
10 pF ~50 pF
10 pF ~50 pF
32 K
10 pF ~30 pF
20 pF ~50 pF
MDT2005
OSC1
OSC2
C1
C2
To increase the stability of oscillator and the ability of anti-noise, the above values of the external capacitor range
can be recommended for reference, but the higher capacitance also increases the start-up time.


Similar Part No. - MDT2005EP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT2005 ETC1-MDT2005 Datasheet
73Kb / 15P
   8-bit micro-controller uses a fully static CMOS design technology
logo
Micon Design Technology...
MDT2005IB MDTIC-MDT2005IB Datasheet
109Kb / 15P
   8-bit micro-controller
MDT2005JG MDTIC-MDT2005JG Datasheet
126Kb / 15P
   8-bit micro-controller
More results

Similar Description - MDT2005EP

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com