Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT2005EP Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MDT2005EP
Description  8-bit micro-controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MDT2005EP Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MDT2005EP Datasheet HTML 7Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 8Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 9Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 10Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 11Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 12Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 13Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 14Page - List of Unclassifed Manufacturers MDT2005EP Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MDT2005
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 11
VER1.1
(iii) OSC Type=XT (C=10 p); WDT-Enable
Voltage/Frequency
1 M
4 M
10 M
Sleep
2.1 V
126
µA
255
µA
535
µA
<1.0
µA
3.0 V
240
µA
430
µA
845
µA
2
µA
4.0 V
420
µA
670
µA
1.3 mA
8
µA
5.0 V
705
µA
945
µA
1.78 mA
16
µA
6.3 V
935
µA
1.45 mA
2.55 mA
32
µA
(iv) OSC Type=HF (C=10 p); WDT-Enable
Voltage/Frequency
4 M
10 M
20 M
Sleep
2.1 V
270
µA
555
µA
998
µA
<1.0
µA
3.0 V
470
µA
895
µA
1.64 mA
2
µA
4.0 V
740
µA
1.42 mA
2.45 mA
8
µA
5.0 V
1.1 mA
1.96 mA
3.3 mA
16
µA
6.3 V
1.7 mA
2.82 mA
4.7 mA
32
µA
(G) Power Edge-detector Reset Voltage (Not in Sleep Mode), @ Vdd=5.0 V
Vpr≦1.1~1.3 V
Vpr ﹕Vdd (Power Supply)
(H) The basic WDT time-out cycle time
@ Vdd=5.0v ,Temperature=25 ℃, the typical value as followings :
Voltage (V)
Basic WDT time-out cycle time (ms)
2.3
26.4
3.0
22.7
4.0
20.1
5.0
18.1
6.3
16.4
(I) MCLRB Filter:@ Vdd=5.0v
Wm >1.2us
Wm : Filter pulse width (low) in /MCLR pin.


Similar Part No. - MDT2005EP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT2005 ETC1-MDT2005 Datasheet
73Kb / 15P
8-bit micro-controller uses a fully static CMOS design technology
logo
Micon Design Technology...
MDT2005IB MDTIC-MDT2005IB Datasheet
109Kb / 15P
8-bit micro-controller
MDT2005JG MDTIC-MDT2005JG Datasheet
126Kb / 15P
8-bit micro-controller
More results

Similar Description - MDT2005EP

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com