Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2750AUA+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2750AUA+
Description  2.4GHz Monolithic Voltage-Controlled Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2750AUA+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2750AUA+ Datasheet HTML 1Page - Maxim Integrated Products MAX2750AUA+ Datasheet HTML 2Page - Maxim Integrated Products MAX2750AUA+ Datasheet HTML 3Page - Maxim Integrated Products MAX2750AUA+ Datasheet HTML 4Page - Maxim Integrated Products MAX2750AUA+ Datasheet HTML 5Page - Maxim Integrated Products MAX2750AUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX2750AUA+ Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Detailed Description
Oscillator
The MAX2750AUA VCO is implemented as an LC oscil-
lator topology, integrating all of the tank components on-
chip. This fully monolithic approach provides an extremely
easy-to-use VCO, equivalent to a VCO module. The fre-
quency is controlled by a voltage applied to the TUNE pin,
which is internally connected to the varactor. The VCO
core uses a differential topology to provide a stable fre-
quency versus supply voltage and improve the immunity
to load variations. In addition, there is a buffer amplifier
following the oscillator core to provide added isolation
from load variations and to boost the output power.
Output Buffer
The oscillator signal from the core drives an output buf-
fer amplifier. The amplifier is internally matched to 50Ω
including an on-chip DC-blocking capacitor. No external
DC-blocking capacitor is required, eliminating the need
for any external components. The output amplifier has its
own VCC and GND pins to minimize load-pulling effects.
The amplifier boosts the oscillator signal to a level suit-
able for driving most RF mixers.
Applications Information
Tune Input
The tuning input is typically connected to the output of the
PLL loop filter. The loop filter provides an appropriately
low-impedance source. The input may incorporate an
extra RC filter stage to reduce high-frequency noise and
spurious signals. Any excess noise on the tuning input is
directly translated into FM noise, which can degrade the
phase-noise performance of the oscillator. Therefore, it
is important to minimize the noise introduced on the tun-
ing input. A simple RC filter with low corner frequency is
needed during testing to filter the noise present on the
voltage source driving the tuning line.
Layout Issues
Always use controlled impedance lines (microstrip, copla-
nar waveguide, etc.) for high-frequency signals. Always
place decoupling capacitors as close as possible to the
VCC pins; for long VCC lines, it may be necessary to add
additional decoupling capacitors located further from the
device. Always provide a low-inductance path to ground,
and keep GND vias as close as possible to the device.
Thermal reliefs on GND pads are not recommended.
VCC2
VCC1
SHDN
1
2
8
7
GND
OUT
TUNE
GND
BYP
µMAX
+
TOP VIEW
3
4
6
5
MAX2750AUA
MAX2750AUA
2.4GHz Monolithic
Voltage-Controlled Oscillator
www.maximintegrated.com
Maxim Integrated │ 5
Pin Configuration


Similar Part No. - MAX2750AUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2750AUA++ MAXIM-MAX2750AUA+ Datasheet
158Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator for Automotive
Rev 0; 6/07
More results

Similar Description - MAX2750AUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2750AUA MAXIM-MAX2750AUA Datasheet
158Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator for Automotive
Rev 0; 6/07
MAX2753 MAXIM-MAX2753 Datasheet
141Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator with Differential Outputs
Rev 0; 1/01
MAX2750_V1 MAXIM-MAX2750_V1 Datasheet
168Kb / 7P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 1; 5/12
MAX2750 MAXIM-MAX2750 Datasheet
149Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 0; 10/00
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com