Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2750AUA+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2750AUA+
Description  2.4GHz Monolithic Voltage-Controlled Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2750AUA+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2750AUA+ Datasheet HTML 1Page - Maxim Integrated Products MAX2750AUA+ Datasheet HTML 2Page - Maxim Integrated Products MAX2750AUA+ Datasheet HTML 3Page - Maxim Integrated Products MAX2750AUA+ Datasheet HTML 4Page - Maxim Integrated Products MAX2750AUA+ Datasheet HTML 5Page - Maxim Integrated Products MAX2750AUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX2750AUA+ Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VCC to GND..............................................................-0.3V to +6V
TUNE, SHDN, BYP, OUT to GND...............-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
8-Pin μMAX (derate 5.7mW/°C above TA = +70°C)....457mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
(VCC = +2.7V to +5.5V, VTUNE = +0.4V to +2.4V, VSHDN ≤ +2V, OUT = connected to 50Ω load, TA = -40°C to +125°C. Typical values
are at VCC = +3.0V, TA = +25°C, unless otherwise noted.) (Note 1)
(MAX2750AUA EV kit, VCC = +2.7V to +5.5V, VTUNE = +0.4V to +2.4V, VSHDN ≤ +2V, OUT = connected to 50Ω load, TA = +25°C.
Typical values are at VCC = +3.0V, unless otherwise noted.) (Note 1)
Note 1: Minimum and maximum limits are guaranteed by production test at TA = +25°C and TA = +125°C. Minimum and maximum
limits are guaranteed by design and characterization at TA = -40°C.
Note 2: Tuning gain is measured at the oscillator’s guaranteed frequency limits.
Note 3: Turn-on time to within 3dB of final output power
Note 4: Turn-off time to output power of -10dBm.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
2.7
5.5
V
Supply Current
TA = +25oC
11.3
14.4
mA
TA = -40°C to +125°C
16.0
21.0
Shutdown Supply Current
2
µA
SHDN Input Voltage Low
0.6
V
SHDN Input Voltage High
2.0
V
SHDN Input Current Low
VSHDN ≤ 0.6V
-2
+2
µA
SHDN Input Current High
VSHDN ≥ 2.0V
-2
+2
µA
TUNE Input Current
0.4 ≤ VTUNE ≤ 2.4V
20
nA
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator Guaranteed Frequency
Limits
VTUNE = +0.4V to +2.4V, TA = -40°C to +125°C
(Note1)
2370
2470
MHz
Phase Noise
fOFFSET = 4MHz
-125
dBc/Hz
Noise floor
-151
dBm/Hz
Tuning Gain (Note 2)
fOSC = 2370MHz, +3V
140
MHz/V
fOSC = 2470MHz, +3V
90
Output Power
-3
dBm
Return Loss
12
dB
Harmonics
-30
dBc
Load Pulling
VSWR = 2:1, all phases
4
MHzP-P
Supply Pushing
VCC stepped: +3.3V to +2.8V
1.3
MHz/V
Oscillator Turn-On Time
Exiting shutdown (Note 3)
8
µs
Oscillator Turn-Off Time
Entering shutdown (Note 4)
5
µs
MAX2750AUA
2.4GHz Monolithic
Voltage-Controlled Oscillator
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
DC Electrical Characteristics
AC Electrical Characteristics


Similar Part No. - MAX2750AUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2750AUA++ MAXIM-MAX2750AUA+ Datasheet
158Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator for Automotive
Rev 0; 6/07
More results

Similar Description - MAX2750AUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2750AUA MAXIM-MAX2750AUA Datasheet
158Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator for Automotive
Rev 0; 6/07
MAX2753 MAXIM-MAX2753 Datasheet
141Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator with Differential Outputs
Rev 0; 1/01
MAX2750_V1 MAXIM-MAX2750_V1 Datasheet
168Kb / 7P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 1; 5/12
MAX2750 MAXIM-MAX2750 Datasheet
149Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 0; 10/00
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com