Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LN217RPH Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN217RPH
Description  5.3 mm X 1.8 mm Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN217RPH Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN217RPH Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
180
Unit: mm
1: Anode
2: Cathode
PD(mW) IF(mA) IFP(mA)VR(V) Topr(°C)
Tstg(°C)
Lighting Color
Red
Green
Amber
70
90
90
25
30
30
150
150
150
4
4
4
−25 ∼ +85 −30 ∼ +100
Square Type
s Absolute Maximum Ratings (T
a = 25°C)
Conventional Part No.
Global Prat No.
Lighting Color
LN217RPH ················ LNG217RFR ············ Red
LN317GPH ··············· LNG317GFG ············ Green
LN417YPH ··············· LNG417YFX ············ Amber
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
−25 ∼ +85 −30 ∼ +100
−25 ∼ +85 −30 ∼ +100
LN217RPH
LN317GPH
LN417YPH
Unit
Red
Green
Amber
Red Diffused
Green Diffused
Amber Diffused
0.6
0.3
15
2.2
2.8
700
100
20
5
4
1.5
0.4
20
2.2
2.8
565
30
20
10
4
1.5
0.6
20
2.2
2.8
590
30
20
10
4
mcd
mcd
mA
V
V
nm
nm
mA
µAV
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Lighting
Color
Lens Color
IO
VF
Typ
Min
Typ
IF
Max
Typ
Typ
IF
Max
VR
λ
P
∆λ
IR
□ 5.3 mm
× 1.8 mm Series
IO Ta
500
300
100
10
Ambient Temperature
0
−20
80
100
60
40
20
1.6
1.8
2.0
2.4
2.2
3
1
5
10
50
100
30
100
50
30
5
3
10
1
10
5
3
0.5
0.3
1
0.1
Forward Current
Directive Characteristics
Ambient Temperature
Wavelength
IF VF
20
°
30
°
40
°
50
°
10
°
0
°
60
°
70
°
80
°
90
°
90
°
80
°
20
°
30
°
40
°
50
°
10
°
60
°
70
°
80
°
20
°
40
°
60
°
0
20
20
10
30
40
50
40
60
80
100
100
600
500
700
800
80
60
40
20
0
IF Ta
Forward Voltage
Relative Luminous Intensity
Wavelength Characteristics
IO IF
30
0
0
20406080
100
20
40
60
80
100
Relative Luminous Intensity
50
LN217RPH
LN217RPH
LN217RPH
LN317GPH
LN317GPH
LN317GPH
LN417Y
PH
LN417YPH
LN417Y
PH
LN217RPH
LN217RPH
LN217RPH
LN317GPH
LN317GPH
LN417YPH
LN417YPH
LN217RPH
LN217RPH
LN417YPH
LN417YPH
LN317GPH
LN317GPH
LN217RPH
LN217RPH
5.5
± 0.2
5.3
± 0.2
4.0
± 0.2
2.0
± 0.2
1.8
± 0.2
0.6
± 0.1
12
2.54
0.8
0.6
2
− 0.6 ± 0.1
2
− 0.8 Max


Similar Part No. - LN217RPH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN217RPH PANASONIC-LN217RPH_08 Datasheet
317Kb / 3P
   5.3 mm 횞 1.8 mm
More results

Similar Description - LN217RPH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN217RP PANASONIC-LN217RP Datasheet
53Kb / 2P
   5.3 mm x 1.8 mm Series
LN217RPH PANASONIC-LN217RPH_08 Datasheet
317Kb / 3P
   5.3 mm 횞 1.8 mm
logo
IDEA.lnc.
G26XB IDEA-G26XB Datasheet
195Kb / 1P
   1.8 X 5.3 MM LED ARRAY
logo
Maxim Integrated Produc...
21-0056C MAXIM-21-0056C Datasheet
17Kb / 1P
   PACKAGE OUTLINE, SSOP, 5.3 MM
Rev C
logo
Abracon Corporation
AWSZT-MGD ABRACON-AWSZT-MGD Datasheet
658Kb / 2P
   7.4 x 3.4 x 1.8 mm SMD CERAMIC RESONATOR
09.23.08
logo
Transko Electronics, In...
TCFL0603CF TRANSKO-TCFL0603CF Datasheet
459Kb / 3P
   Ceramic Chip Inductor (1.8 x 1.2 x 1.2 mm)
Rev 1: 06-05-2020
logo
Abracon Corporation
AWSZT-6.00MGD-T ABRACON-AWSZT-6.00MGD-T Datasheet
1,009Kb / 3P
   7.4 x 3.4 x 1.8 mm SMD CERAMIC RESONATOR
07.29.11-F
AWSZT-3.58MGD-T ABRACON-AWSZT-3.58MGD-T Datasheet
1Mb / 3P
   7.4 x 3.4 x 1.8 mm SMD CERAMIC RESONATOR
12.16.2016
logo
EHAOAN.
EH-T680UBK EHAOAN-EH-T680UBK Datasheet
1Mb / 7P
   Dimension( L/W/H) : 3.5 x 2.8 x 1.8 mm
logo
Transko Electronics, In...
TCFL161010WF TRANSKO-TCFL161010WF Datasheet
359Kb / 3P
   Ferrite Shielded Inductor SMD (1.8 x 1.2 x 1.2 mm)
Rev 1: 08-03-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com