Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LN216RPH Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN216RPH
Description  3.0 mm X 7.0 mm Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN216RPH Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN216RPH Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
210
Unit: mm
1: Anode
2: Cathode
PD(mW) IF(mA) IFP(mA)VR(V) Topr(°C)
Tstg(°C)
Lighting Color
Red
Green
Amber
Orange
70
90
90
90
25
30
30
30
150
150
150
150
4
4
4
3
−25 ∼ +85 −30 ∼ +100
Square Type
□ 3.0 mm
× 7.0 mm Series
s Absolute Maximum Ratings (T
a = 25°C)
Conventional Part No.
Global Prat No.
Lighting Color
LN216RPH ················ LNG216RFR ············ Red
LN316GPH ··············· LNG316GFG ············ Green
LN416YPH ··············· LNG416YFX ············ Amber
LN816RPH ················ LNG816RFD ············ Orange
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
−25 ∼ +85 −30 ∼ +100
−25 ∼ +85 −30 ∼ +100
−25 ∼ +85 −30 ∼ +100
LN216RPH
LN316GPH
LN416YPH
LN816RPH
Unit
Red
Green
Amber
Orange
Red Diffused
Green Diffused
Amber Diffused
Red Diffused
0.5
0.2
15
2.2
2.8
700
20
20
5
4
1.5
0.6
20
2.2
2.8
565
30
20
10
4
1.5
0.6
20
2.2
2.8
590
30
20
10
4
2.5
1.0
20
2.1
2.8
630
40
20
10
3
mcd
mcd
mA
V
V
nm
nm
mA
µAV
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Lighting
Color
Lens Color
IO
VF
Typ
Min
Typ
IF
Max
Typ
Typ
IF
Max
VR
λ
P
∆λ
IR
2.54
0.8
0.5
12
2
− 0.8 Max
2
− 0.6 ± 0.1
7.2
± 0.2
5.0
± 0.2
4.8
± 0.2
3.2
± 0.2
3.0
± 0.2
7.0
± 0.2
0.6
± 0.1
IO Ta
500
300
30
50
100
10
Ambient Temperature
0
−20
80
100
60
40
20
1.6
1.8
2.0
2.4
2.2
3
1
5
10
50
100
30
100
50
30
5
3
10
1
10
5
3
0.5
0.3
1
0.1
Forward Current
Directive Characteristics
Ambient Temperature
Wavelength
IF VF
20
°
30
°
40
°
50
°
10
°
0
°
60
°
70
°
80
°
90
°
90
°
80
°
20
°
30
°
40
°
50
°
10
°
60
°
70
°
80
°
20
°
40
°
60
°
0
0
20
20
10
30
40
50
40
60
80
100
100
500
600
700
800
80
60
40
20
0
IF Ta
Forward Voltage
Relative Luminous Intensity
Wavelength Characteristics
IO IF
LN216RPH
LN216RPH
LN216RPH
LN316GPH
LN316GPH
LN816RPH
LN816RPH
LN316GPH
LN816RPH
LN216R
PH
LN216RPH
LN216R
PH
LN416YPH
LN416YPH
LN416YPH
LN316GPH
LN316GPH
LN316GPH
LN416YPH
LN416YPH
LN416YPH
LN216RPH
LN216RPH
LN216RPH
LN816RPH
LN816RPH
LN816RPH
LN316GPH
LN416YPH
LN816RPH
LN316GPH
LN416YPH
LN816RPH
LN216RPH
LN216RPH
LN216RPH
0
20406080
100
20
40
60
80
100
Relative Luminous Intensity


Similar Part No. - LN216RPH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN216RPH PANASONIC-LN216RPH_08 Datasheet
316Kb / 3P
   3.0 mm 횞 7.0 mm
More results

Similar Description - LN216RPH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN216RPH PANASONIC-LN216RPH_08 Datasheet
316Kb / 3P
   3.0 mm 횞 7.0 mm
LN220RPH PANASONIC-LN220RPH Datasheet
31Kb / 1P
   1.75 mm X 7.0 mm Series
logo
List of Unclassifed Man...
C85F ETC2-C85F Datasheet
87Kb / 4P
   7.0 mm x 5.0 mm XO
logo
Rakon Limited
QEN101 RAKON-QEN101 Datasheet
458Kb / 4P
   7.0 x 5.0 mm, SMD
05 December 2022
logo
MTRONPTI
PMX MTRONPTI-PMX Datasheet
209Kb / 1P
   5.0 x 7.0 x 1.2 mm
logo
ILSI America LLC
ISM81 ILSI-ISM81 Datasheet
148Kb / 2P
   5.0 mm x 7.0 mm Ceramic Package SMD Oscillator
logo
Panasonic Semiconductor
LN220RPH PANASONIC-LN220RPH_08 Datasheet
317Kb / 3P
   1.75 mm 횞 7.0 mm
logo
TAITIEN ELECTRONICS CO....
XO-0055-OC-M TAITIEN-XO-0055-OC-M Datasheet
373Kb / 1P
   7.0 x 5.0 mm SMD Crystal Oscillator
XO-0007-OC-TYPE TAITIEN-XO-0007-OC-TYPE Datasheet
231Kb / 1P
   7.0 x 5.0 mm SMD Crystal Oscillator
logo
MTRONPTI
PM MTRONPTI-PM_08 Datasheet
370Kb / 2P
   Surface Mount Crystals 5.0 x 7.0 x 1.3 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com