Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMIYMINVGADVID1 Datasheet(PDF) 1 Page - Schneider Electric

Part # HMIYMINVGADVID1
Description  Interface graphic card, Harmony iPC, Mini PCIe video Full HD with 2VGA DVI D connectors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HMIYMINVGADVID1 Datasheet(HTML) 1 Page - Schneider Electric

  HMIYMINVGADVID1 Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product data sheet
Characteristics
HMIYMINVGADVID1
Interface graphic card, Harmony iPC, Mini PCIe
video Full HD with 2VGA + DVI D connectors
Main
Range of product
Harmony iPC
Product or component type
Interface graphic card
Accessory / separate part category
Interface
Complementary
Accessory / separate part destination
HMIPSP S-Panel PC performance
HMIPSO S-Panel PC
Harmony iPC
HMIBM modular box PC
Integrated connection type
Mini PCI Express with 1 DVI-D digital cable1x optional interface
Mini PCI Express with 2 VGA analogue cable1x optional interface
Display resolution
1920 x 1080 pixels full HD
Range compatibility
Harmony iPC
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
200 G
Package 1 Height
6 Cm
Package 1 width
16 Cm
Package 1 Length
24 Cm
Product Life Status :
Commercialised
Jul 21, 2021
1


Similar Part No. - HMIYMINVGADVID1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HMIYMIN4GUS1 SCHNEIDER-HMIYMIN4GUS1 Datasheet
96Kb / 2P
   Interface module, Harmony iPC, Mini PCIe Cellular 4 g for North America frequencies
May 6, 2022
HMIYMIN8AI1 SCHNEIDER-HMIYMIN8AI1 Datasheet
63Kb / 2P
   Analog input card, Harmony iPC, Interface Mini PCIe 8x 0 10 V
May 6, 2022
HMIYMINATPM201 SCHNEIDER-HMIYMINATPM201 Datasheet
59Kb / 1P
   Cyber security module, Harmony iPC, TPM for Modular Box PC HMIBM with Windows 10 BitLocker
Jul 21, 2021
HMIYMINAUD1 SCHNEIDER-HMIYMINAUD1 Datasheet
97Kb / 2P
   Interface Audio for Magelis Modular Box PC HMIDM
May 6, 2022
HMIYMINAUD21 SCHNEIDER-HMIYMINAUD21 Datasheet
94Kb / 1P
   Audio port, Harmony iPC, Interface Mini PCIe for
May 6, 2022
More results

Similar Description - HMIYMINVGADVID1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HMIYMINDVII1 SCHNEIDER-HMIYMINDVII1 Datasheet
91Kb / 2P
   Interface graphic card, Harmony iPC, Mini PCIe video Full HD with DVI I connector
May 6, 2022
HMIYMINAUD21 SCHNEIDER-HMIYMINAUD21 Datasheet
94Kb / 1P
   Audio port, Harmony iPC, Interface Mini PCIe for
May 6, 2022
HMIYMINSL42321 SCHNEIDER-HMIYMINSL42321 Datasheet
112Kb / 2P
   Serial line interface, Harmony iPC, mini PCIe 4xRS232 for
May 6, 2022
logo
Advantech Co., Ltd.
DVP-7036HE ADVANTECH-DVP-7036HE Datasheet
457Kb / 2P
   4-ch Full HD TVI Mini-PCIe Video Capture Card with SDK
15-Jun-2022
DVP-7017HE ADVANTECH-DVP-7017HE Datasheet
968Kb / 2P
   1-ch Full HD H.264 Mini PCIe Video Capture Card with SDK
27-Jun-2018
logo
Schneider Electric
HMIYMINCAN1 SCHNEIDER-HMIYMINCAN1 Datasheet
106Kb / 2P
   CANopen/CANBus interface, Harmony iPC, Mini PCIe 2xCanOpen/CanBus for
May 6, 2022
HMIYMINSL22321 SCHNEIDER-HMIYMINSL22321 Datasheet
114Kb / 2P
   Serial line interface, Harmony iPC, mini PCIe 2xRS232 Isolated for
May 6, 2022
HMIYMINSL44851 SCHNEIDER-HMIYMINSL44851 Datasheet
109Kb / 2P
   Serial line interface, Harmony iPC, mini PCIe 4xRS422/485 for
May 6, 2022
logo
Advantech Co., Ltd.
DVP-7018HE ADVANTECH-DVP-7018HE Datasheet
935Kb / 2P
   1-ch Full HD H.264 Mini PCIe Video Capture Card with SDK
logo
Schneider Electric
HMIYMINNVRAM1 SCHNEIDER-HMIYMINNVRAM1 Datasheet
101Kb / 1P
   Interface Mini PCIe NVRAM for iPC
Aug 10, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com