Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 26121604
Description  Bus system cable - SAC-3P-10,0-961/M12FS VA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 26121604 Datasheet HTML 2Page - PHOENIX CONTACT 26121604 Datasheet HTML 3Page - PHOENIX CONTACT 26121604 Datasheet HTML 4Page - PHOENIX CONTACT 26121604 Datasheet HTML 5Page - PHOENIX CONTACT 26121604 Datasheet HTML 6Page - PHOENIX CONTACT 26121604 Datasheet HTML 7Page - PHOENIX CONTACT 26121604 Datasheet HTML 8Page - PHOENIX CONTACT 26121604 Datasheet HTML 9Page - PHOENIX CONTACT 26121604 Datasheet HTML 10Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
https://www.phoenixcontact.com/pi/products/1419084
09/11/2020   Page 7 / 10
Bus system cable - SAC-3P-10,0-961/M12FS VA - 1419084
Accessories
Data connector - SACC-FS-4QO SH PBPA SCO - 1413934
Data connector, PROFIBUS PA (31.25 kbps), 2-position, halogen-free, shielded, Socket straight M12 SPEEDCON,
Coding: A, Insulation displacement connection, knurl material: Zinc die-cast, nickel-plated, external cable diameter 5
mm ... 9.7 mm
 
 
Data connector - SACC-MS-4QO SH PBPA SCO - 1413933
Data connector, PROFIBUS PA (31.25 kbps), 2-position, halogen-free, shielded, Plug straight M12 SPEEDCON,
Coding: A, Insulation displacement connection, knurl material: Zinc die-cast, nickel-plated, external cable diameter 5
mm ... 9.7 mm
 
 
Corrugated pipe
Protective hose - WP-PA HF 13,0 BK - 3240681
Polyamide protective hose, inflammability class V0, UV resistant
 
 
Protective hose - WP-PA HF-HB 13,0 BK - 3240839
Polyamide protective hose, inflammability class HB, UV resistant
 
 
Cutting tools
Cable-cutting tool - CUTFOX 12 - 1212128
Cable cutter, for copper and aluminum up to 12 mm diameter (up to 35 mm²)
 
 


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
   Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
428Kb / 14P
   Network cable - NBC-M12FSX/5,0-94F/R4RC
26121604 PHOENIX-26121604 Datasheet
180Kb / 11P
   Network cable - NBC-MS/10,0-94B/MS SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
377Kb / 14P
   Network cable - NBC-M12MSX/1,0-94F/M12MRX
26121604 PHOENIX-26121604 Datasheet
219Kb / 5P
   Network cable - VS-OE-OE-93A-100,0
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419115 PHOENIX-1419115 Datasheet
538Kb / 12P
   SAC-3P-M12MR/10,0-961/M12FS VA - Bus system cable
1419086 PHOENIX-1419086 Datasheet
538Kb / 16P
   SAC-3P-20,0-961/M12FS VA - Bus system cable
1419085 PHOENIX-1419085 Datasheet
563Kb / 17P
   SAC-3P-15,0-961/M12FS VA - Bus system cable
1419083 PHOENIX-1419083 Datasheet
563Kb / 17P
   SAC-3P- 5,0-961/M12FS VA - Bus system cable
1419089 PHOENIX-1419089 Datasheet
567Kb / 17P
   SAC-3P-10,0-961/M12FR VA - Bus system cable
1419082 PHOENIX-1419082 Datasheet
563Kb / 17P
   SAC-3P- 2,0-961/M12FS VA - Bus system cable
1419094 PHOENIX-1419094 Datasheet
625Kb / 17P
   SAC-3P-M12MS/10,0-961 VA - Bus system cable
1419104 PHOENIX-1419104 Datasheet
546Kb / 12P
   SAC-3P-M12MS/ 1,0-961/M12FS VA - Bus system cable
1419123 PHOENIX-1419123 Datasheet
552Kb / 12P
   SAC-3P-M12MS/10,0-961/M12FR VA - Bus system cable
1419106 PHOENIX-1419106 Datasheet
546Kb / 12P
   SAC-3P-M12MS/ 5,0-961/M12FS VA - Bus system cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com