Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 26121604
Description  Network cable - VS-M12MS-IP67/B-94B-LI/5,0
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  26121604 Datasheet HTML 1Page - PHOENIX CONTACT 26121604 Datasheet HTML 2Page - PHOENIX CONTACT 26121604 Datasheet HTML 3Page - PHOENIX CONTACT 26121604 Datasheet HTML 4Page - PHOENIX CONTACT 26121604 Datasheet HTML 5Page - PHOENIX CONTACT 26121604 Datasheet HTML 6Page - PHOENIX CONTACT 26121604 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1412354
09/11/2020   Page 3 / 7
Network cable - VS-M12MS-IP67/B-94B-LI/5,0 - 1412354
Technical data
Cable
Near end crosstalk attenuation (NEXT)
71.3 dB (with 1 MHz)
62.3 dB (at 4 МHz)
56.3 dB (at 10 MHz)
53.2 dB (at 16 MHz)
51.8 dB (at 20 МHz)
48.9 dB (at 31.25 МHz)
44.4 dB (at 62.5 МHz)
41.3 dB (at 100 MHz)
Power-summated near end crosstalk attenuation (PSNEXT)
62.3 dB (with 1 MHz)
53.3 dB (at 4 МHz)
47.3 dB (at 10 MHz)
44.2 dB (at 16 MHz)
42.8 dB (at 20 МHz)
39.9 dB (at 31.25 МHz)
35.4 dB (at 62.5 МHz)
32.3 dB (at 100 MHz)
Attenuation
3.2 dB (with 1 MHz)
6 dB (at 4 МHz)
9.5 dB (at 10 MHz)
12.1 dB (at 16 MHz)
13.6 dB (at 20 МHz)
17.1 dB (at 31.25 МHz)
24.8 dB (at 62.5 МHz)
32 dB (at 100 MHz)
Return loss (RL)
23 dB (at 4 МHz)
24.1 dB (at 8 МHz)
25 dB (at 10 MHz)
25 dB (at 16 MHz)
25 dB (at 20 МHz)
23.6 dB (at 31.25 МHz)
21.5 dB (at 62.5 МHz)
20.1 dB (at 100 MHz)
Signal runtime
5.3 ns/m
Coupling resistance
≤ 100.00 mΩ/m (at 10 MHz)
Nominal voltage, cable
≤ 100 V
Test voltage Core/Core
700 V (50 Hz, 1 min.)
Test voltage Core/Shield
700 V (50 Hz, 1 min.)
Flame resistance
according to IEC 60332-1-2
Halogen-free
according to IEC 60754-1
Resistance to oil
according to EN 60811-2-1


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
   Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
428Kb / 14P
   Network cable - NBC-M12FSX/5,0-94F/R4RC
26121604 PHOENIX-26121604 Datasheet
180Kb / 11P
   Network cable - NBC-MS/10,0-94B/MS SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
377Kb / 14P
   Network cable - NBC-M12MSX/1,0-94F/M12MRX
26121604 PHOENIX-26121604 Datasheet
219Kb / 5P
   Network cable - VS-OE-OE-93A-100,0
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407961 PHOENIX-1407961 Datasheet
407Kb / 10P
   VS-IP67/B-IP20-94B-LI/5,0 - Network cable
1412118 PHOENIX-1412118 Datasheet
107Kb / 4P
   Network cable - VS-IP67-IP67-94B-LI/5,0
1407754 PHOENIX-1407754 Datasheet
296Kb / 8P
   VS-IP67/B-OE-94B-LI/5,0 - Network cable
1407725 PHOENIX-1407725 Datasheet
102Kb / 4P
   Network cable - VS-IP67-OE-94B-LI/5,0
1407932 PHOENIX-1407932 Datasheet
403Kb / 9P
   VS-IP67-IP20-94B-LI/5,0 - Network cable
1406289 PHOENIX-1406289 Datasheet
349Kb / 9P
   VS-IP67/B-IP67/B-93E-LI/5,0 - Network cable
1406360 PHOENIX-1406360 Datasheet
355Kb / 9P
   VS-M12MS-IP67/B-93E-LI/2,0 - Network cable
1405714 PHOENIX-1405714 Datasheet
294Kb / 8P
   VS-IP67/B-OE-93E-LI/5,0 - Network cable
1403492 PHOENIX-1403492 Datasheet
390Kb / 9P
   VS-M12MS-IP20-94B-LI/3,0 - Network cable
1403376 PHOENIX-1403376 Datasheet
102Kb / 4P
   Network cable - VS-M12MS-IP20-94B-LI/15,0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com