Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GFR204SD Datasheet(PDF) 3 Page - IOGEAR

Part # GFR204SD
Description  SD/MicroSD/MMC Card Reader/Writer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GFR204SD Datasheet(HTML) 3 Page - IOGEAR

  GFR204SD Datasheet HTML 1Page - IOGEAR GFR204SD Datasheet HTML 2Page - IOGEAR GFR204SD Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications
Function
GFR204SD
Housing
Case
Plastic
LEDs
On Line
1
Ports
USB 2.0 Connection (Type A)
Operating Temperature
32~ + 122 F (0 ~ + 50 C)
Storage Temperature
-13 ~ + 140 F (-25 ~ + 60 C)
USB Specification
USB 1.1 and 2.0 compliant
Power Connections
Bus powered
Capacity
Supports memory cards up to 512GB
Dimensions
GFR204SD
POP Information
10'' Peg Hook
16
6'' Peg Hook
10
Unit Dimensions
Width
0.625 in
Height
0.3125 in.
Length
2.375 in.
Inner Pack
Width
6.8 in
Height
5.15 in
Length
3 in
Inner Pack Qty.
6
Unit Package Dimensions
Width
0.6875 in
Height
6.5 in
Length
4.625 in
Master Carton
Width
14.2 in
Height
6 in
Depth
12.6 in
Master Carton Qty.
48
Weight
Master Carton Wt.
6.82 lb
Inner Pack Wt.
0.68 lb
Unit Pack Wt.
0.08 lb
Unit Wt.
0.02 lb


Similar Part No. - GFR204SD

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GFR281 IOGEAR-GFR281 Datasheet
246Kb / 3P
   56-in-1 Memory Card Reader/Writer
More results

Similar Description - GFR204SD

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GFR304SD IOGEAR-GFR304SD Datasheet
147Kb / 3P
   SuperSpeed USB 3.0 SD/Micro SD Card Reader / Writer
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
   USB 2.0 SD/MMC Card Reader Controller
logo
Yamaichi Electronics Co...
FPS009-3001-BL YAMAICHI-FPS009-3001-BL Datasheet
136Kb / 2P
   SD Card and MMC Reader (Manual Insertion)
FPS009-2901-0 YAMAICHI-FPS009-2901-0 Datasheet
176Kb / 2P
   SD Card & MMC Reader - Push / Push (Low Profile)
logo
List of Unclassifed Man...
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
logo
Winbond
W81386D WINBOND-W81386D Datasheet
544Kb / 22P
   Winbond USB Interface MS/SD/MMC Reader
logo
Yamaichi Electronics Co...
FPS009-2910-0 YAMAICHI-FPS009-2910-0 Datasheet
208Kb / 2P
   SD Card & MMC Reader - Push / Push (with Stand-off)
FPS009-2305-0 YAMAICHI-FPS009-2305-0 Datasheet
122Kb / 2P
   SD Card and MMC Reader - Push/Push (Small Size)
FPS009-2960-0 YAMAICHI-FPS009-2960-0 Datasheet
530Kb / 2P
   SD Card and MMC Reader - Push / Push (Reversed Type)
FPS009-4200-0 YAMAICHI-FPS009-4200-0 Datasheet
215Kb / 2P
   SD Card and MMC Reader (One Action Lock Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com