Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROB-12509 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # ROB-12509
Description  Swivel Hub
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

ROB-12509 Datasheet(HTML) 1 Page - SparkFun Electronics

  ROB-12509 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Swivel Hub
ROB-12509
images are CC BY-NC-SA 3.0
Description: The swivel hub lets you connect any two parts with the 0.77" hub
pattern together and have them swivel a full 360 degrees. Internal ball bearings allow
for smooth motion. Tapped 6-32 holes are on both sides, making attachment easy.
Use these wherever you need a smooth swivel motion such as a wheel mount or
rotating platter.
Actobotics is a robotics building system based around extruded aluminum channels,
gears, precision shafts, and ball bearings. Thanks to the two standardized hole
patterns, nearly all Actobotics components can be intuitively connected together. The
wide range of components makes building complex electromechanical prototypes or
finished projects a reality.
2/4/2016
https://www.sparkfun.com/products/12509


Similar Part No. - ROB-12509

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12500 SPARKFUN-ROB-12500 Datasheet
94Kb / 1P
Aluminum Channel - 15
2/15/2016
ROB-12501 SPARKFUN-ROB-12501 Datasheet
94Kb / 1P
Servo Shaft Coupler - Hitec Standard
1/15/2016
ROB-12502 SPARKFUN-ROB-12502 Datasheet
93Kb / 1P
Bearing Mount - Flat (1/2 Bore)
1/15/2016
ROB-12503 SPARKFUN-ROB-12503 Datasheet
93Kb / 1P
Smooth Belt - 1/8D (1.625 ID)
2/10/2016
ROB-12504 SPARKFUN-ROB-12504 Datasheet
92Kb / 1P
Dual Channel - 45 Degree Angle
2/12/2016
More results

Similar Description - ROB-12509

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
RC-4835-PR BUD-RC-4835-PR Datasheet
25Kb / 1P
SWIVEL CASTER
logo
Festo Corporation.
HGDS-PP-12-P-A-B FESTO-HGDS-PP-12-P-A-B Datasheet
97Kb / 2P
Swivel/gripper unit
HGDS-PP-12-YSRT-A-B FESTO-HGDS-PP-12-YSRT-A-B Datasheet
96Kb / 2P
Swivel/gripper unit
HGDS-PP-16-P1-A-B FESTO-HGDS-PP-16-P1-A-B Datasheet
97Kb / 2P
Swivel/gripper unit
HGDS-PP-16-P-A-B FESTO-HGDS-PP-16-P-A-B Datasheet
96Kb / 2P
Swivel/gripper unit
HGDS-PP-16-YSRT-A-B FESTO-HGDS-PP-16-YSRT-A-B Datasheet
89Kb / 2P
Swivel/gripper unit
HGDS-PP-20-P1-A-B FESTO-HGDS-PP-20-P1-A-B Datasheet
97Kb / 2P
Swivel/gripper unit
HGDS-PP-20-P-A-B FESTO-HGDS-PP-20-P-A-B Datasheet
94Kb / 2P
Swivel/gripper unit
10750 FESTO-10750 Datasheet
85Kb / 1P
Swivel lever valve
4/8/22
8058739 FESTO-8058739 Datasheet
67Kb / 1P
Swivel mounting
7/18/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com