Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

09-14-206-0303 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 09-14-206-0303
Description  Hinged frame HMC 6B f. 2 modules (A..B)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09-14-206-0303 Datasheet(HTML) 1 Page - HARTING Technology Group

  09-14-206-0303 Datasheet HTML 1Page - HARTING Technology Group 09-14-206-0303 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
09 14 206 0303
Hinged frame HMC 6B f. 2 modules (A..B)
Hinged frame HMC 6B f. 2 modules (A..B)
Image is for illustration purposes only. Please refer to product description.
Part number
09 14 206 0303
Specification
Hinged frame HMC 6B f. 2 modules
(A..B)
HARTING eCatalogue
https://b2b.harting.com/09142060303
Identification
Category
Accessories
Series
Han-Modular®
Type of accessory
Hinged frame
Description of the accessory
HMC version
for 2 modules
A ... B
Features
Conductor cross-section PE (power side) 4 ... 10 mm²
Conductor cross-section PE (signal side) 1 ... 2.5 mm²
Version
Size
6 B
Technical characteristics
Limiting temperature
-40 ... +125 °C
Mating cycles with other HMC components
≥10,000
Material properties
Material
Zinc die-cast
RoHS
compliant with exemption
RoHS exemptions
6(c): Copper alloy containing up to 4 % lead by weight
ELV status
compliant with exemption
China RoHS
50
REACH Annex XVII substances
No
REACH ANNEX XIV substances
No
Page 1 / 2 | Creation date 2021-10-01 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric Stiftung & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 09-14-206-0303

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-14-206-0313 HARTING-09-14-206-0313 Datasheet
465Kb / 2P
   Hinged frame HMC 6B f. 2 modules (a..b)
2021-10-01
More results

Similar Description - 09-14-206-0303

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-14-206-0313 HARTING-09-14-206-0313 Datasheet
465Kb / 2P
   Hinged frame HMC 6B f. 2 modules (a..b)
2021-10-01
09-14-224-0313 HARTING-09-14-224-0313 Datasheet
461Kb / 2P
   Hinged frame HMC 24B f. 6 modules
2021-10-01
09-14-006-0371 HARTING-09-14-006-0371 Datasheet
512Kb / 2P
   Han hinged frame plus, for 2 modules a-b
2021-11-23
09-14-006-0361 HARTING-09-14-006-0361 Datasheet
504Kb / 2P
   Han hinged frame plus, for 2 modules A-B
2021-11-23
09-14-024-0303 HARTING-09-14-024-0303 Datasheet
484Kb / 2P
   Hinged frame 24B for 6 modules (A..F)
2021-10-01
09-14-024-0313 HARTING-09-14-024-0313 Datasheet
493Kb / 2P
   Hinged frame 24B for 6 modules (a..f)
2021-10-01
09-00-006-5605 HARTING-09-00-006-5605 Datasheet
524Kb / 2P
   grip frame Han 6B hinged frame
2021-10-01
09-14-024-0371 HARTING-09-14-024-0371 Datasheet
530Kb / 2P
   Han hinged frame plus, for 6 modules a-f
2021-11-20
09-14-024-0361 HARTING-09-14-024-0361 Datasheet
519Kb / 2P
   Han hinged frame plus, for 6 modules A-F
2021-11-20
09-14-024-0319 HARTING-09-14-024-0319 Datasheet
567Kb / 2P
   Hinged Frame 24B a-f w/o fix. screws
2021-10-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com