Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 26121604
Description  Hybrid cable - NBC-MSY/ 5,0-94H/MSY SCO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  26121604 Datasheet HTML 1Page - PHOENIX CONTACT 26121604 Datasheet HTML 2Page - PHOENIX CONTACT 26121604 Datasheet HTML 3Page - PHOENIX CONTACT 26121604 Datasheet HTML 4Page - PHOENIX CONTACT 26121604 Datasheet HTML 5Page - PHOENIX CONTACT 26121604 Datasheet HTML 6Page - PHOENIX CONTACT 26121604 Datasheet HTML 7Page - PHOENIX CONTACT 26121604 Datasheet HTML 8Page - PHOENIX CONTACT 26121604 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
https://www.phoenixcontact.com/pi/products/1407493
09/11/2020   Page 2 / 10
Hybrid cable - NBC-MSY/ 5,0-94H/MSY SCO - 1407493
Technical data
General data
Contact surface material
Ni/Au
Degree of protection
IP65/IP67
Transmission characteristics (category)
CAT5
Characteristics head 1
Head type
Plug straight M12 SPEEDCON / IP67
No. of positions (pin connector pattern)
8 (4+4)
Coding
Y (Hybrid)
Color
black
Material (component)
CuZn (Contact)
Ni/Au (Contact surface)
PP (Contact carrier, data)
PA (Contact carrier, power)
TPU, hardly inflammable, self-extinguishing (Grip)
Zinc die-cast, nickel-plated (Screw connection)
Shielded
yes
Insulation resistance
≥ 100 MΩ
Insertion/withdrawal cycles
≥ 100
Torque
0.4 Nm
Ambient temperature (operation)
-25 °C ... 90 °C
Shielded
yes
Outer sheath, material
PUR
External sheath, color
black RAL 9005
Type type, plug side
Plug straight
Type type, socket side
Plug, straight
Characteristics head 2
Head type
Plug straight M12 SPEEDCON / IP67
No. of positions (pin connector pattern)
8 (4+4)
Coding
Y (Hybrid)
Color
black
black
Material (component)
CuZn (Contact)
Zinc die-cast, nickel-plated (Screw connection)
Ni/Au (Contact surface)
PP (Contact carrier, data)
PA (Contact carrier, power)
TPU, hardly inflammable, self-extinguishing (Grip)
Shielded
yes
Insulation resistance
≥ 100 MΩ
Insertion/withdrawal cycles
≥ 100
Torque
0.4 Nm


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
180Kb / 11P
   Network cable - NBC-MS/10,0-94B/MS SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
377Kb / 14P
   Network cable - NBC-M12MSX/1,0-94F/M12MRX
26121604 PHOENIX-26121604 Datasheet
219Kb / 5P
   Network cable - VS-OE-OE-93A-100,0
26121604 PHOENIX-26121604 Datasheet
188Kb / 13P
   Bus system cable - SAC-5P-MR/ 2,0-923/FS CAN SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
   Coupling - VS-MP-PPC/CG-10G
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1146377 PHOENIX-1146377 Datasheet
494Kb / 8P
   Hybrid cable - NBC-M12FRY/2,0-94H
1057782 PHOENIX-1057782 Datasheet
430Kb / 8P
   Hybrid cable - NBC-M12MSY/2,0-94H/M12FSY
1057783 PHOENIX-1057783 Datasheet
515Kb / 8P
   Hybrid cable - NBC-M12MRY/2,0-94H/M12FRY
1411506 PHOENIX-1411506 Datasheet
129Kb / 7P
   Network cable - NBC-MSD/ 5,0-93K SCO
1407406 PHOENIX-1407406 Datasheet
234Kb / 16P
   Network cable - NBC-MS/ 5,0-94B SCO
09/11/2020
1407358 PHOENIX-1407358 Datasheet
969Kb / 28P
   Network cable - NBC-MSD/ 5,0-93E SCO
1407441 PHOENIX-1407441 Datasheet
953Kb / 28P
   NBC- 5,0-94B/FS SCO - Network cable
1411532 PHOENIX-1411532 Datasheet
117Kb / 6P
   Network cable - NBC-MSD/ 5,0-93K/MSD SCO
1408736 PHOENIX-1408736 Datasheet
131Kb / 9P
   Network cable - NBC- 5,0-93E/FRD SCO US
09/11/2020
1407436 PHOENIX-1407436 Datasheet
577Kb / 17P
   NBC-MS/ 5,0-94B/MS SCO - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com