Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 26121604
Description  Hybrid cable - NBC-MSY/ 5,0-94H/MSY SCO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  26121604 Datasheet HTML 1Page - PHOENIX CONTACT 26121604 Datasheet HTML 2Page - PHOENIX CONTACT 26121604 Datasheet HTML 3Page - PHOENIX CONTACT 26121604 Datasheet HTML 4Page - PHOENIX CONTACT 26121604 Datasheet HTML 5Page - PHOENIX CONTACT 26121604 Datasheet HTML 6Page - PHOENIX CONTACT 26121604 Datasheet HTML 7Page - PHOENIX CONTACT 26121604 Datasheet HTML 8Page - PHOENIX CONTACT 26121604 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
https://www.phoenixcontact.com/pi/products/1407493
09/11/2020   Page 3 / 10
Hybrid cable - NBC-MSY/ 5,0-94H/MSY SCO - 1407493
Technical data
Characteristics head 2
Ambient temperature (operation)
-25 °C ... 90 °C
Standards and Regulations
Standards/specifications
M12 connector IEC 61076-2-113
Cable
Cable type
Ethernet hybrid
Cable type (abbreviation)
94H
UL AWM style
20963 (80°C/30 V)
Signal type/category
Ethernet hybrid CAT5 (IEC 11801), 100 Mbps
Cable structure
1x4xAWG26+1x4xAWG20
Conductor cross section
4x 0.15 mm² (Data)
4x 0.6 mm² (Power)
AWG signal line
26
AWG power supply
20
Conductor structure signal line
19x 0.10 mm
Conductor structure, voltage supply
19x 0.20 mm
Core diameter including insulation
1.05 mm (Data)
1.4 mm (Power)
Wire colors
White/orange, orange, white/green, green, white, blue, brown, black
Overall twist
1 star quad and 4 wires with 2 fillers
Shielding
Tinned copper braided shield
Optical shield covering
85 %
External sheath, color
black RAL 9005
External cable diameter D
7.6 mm ±0.2 mm
Minimum bending radius, fixed installation
5 x D
Minimum bending radius, flexible installation
10 x D
Number of bending cycles
2000000
Minimum bending radius, drag chain applications
10 x D
Traversing path
4.5 m
Traversing rate
3 m/s
Acceleration
3 m/s²
Tensile strength GRP
70 N (in accordance with DIN EN 50565-1 for flexible installation)
240 N (in accordance with DIN EN 50565-1 for fixed installation)
Cable weight
87 kg/km
Outer sheath, material
PUR
Material conductor insulation
PP (Data)
PP (Power)
Conductor material
Bare Cu litz wires
Insulation resistance
≥ 5 GΩ*km
Loop resistance
≤ 280.00 Ω/km (Data)
≤ 34.60 Ω/km (Power)


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
180Kb / 11P
   Network cable - NBC-MS/10,0-94B/MS SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
   Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
428Kb / 14P
   Network cable - NBC-M12FSX/5,0-94F/R4RC
26121604 PHOENIX-26121604 Datasheet
188Kb / 13P
   Bus system cable - SAC-5P-MR/ 2,0-923/FS CAN SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
377Kb / 14P
   Network cable - NBC-M12MSX/1,0-94F/M12MRX
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1146377 PHOENIX-1146377 Datasheet
494Kb / 8P
   Hybrid cable - NBC-M12FRY/2,0-94H
1057782 PHOENIX-1057782 Datasheet
430Kb / 8P
   Hybrid cable - NBC-M12MSY/2,0-94H/M12FSY
1057783 PHOENIX-1057783 Datasheet
515Kb / 8P
   Hybrid cable - NBC-M12MRY/2,0-94H/M12FRY
1411506 PHOENIX-1411506 Datasheet
129Kb / 7P
   Network cable - NBC-MSD/ 5,0-93K SCO
1407406 PHOENIX-1407406 Datasheet
234Kb / 16P
   Network cable - NBC-MS/ 5,0-94B SCO
09/11/2020
1407358 PHOENIX-1407358 Datasheet
969Kb / 28P
   Network cable - NBC-MSD/ 5,0-93E SCO
1407441 PHOENIX-1407441 Datasheet
953Kb / 28P
   NBC- 5,0-94B/FS SCO - Network cable
1411532 PHOENIX-1411532 Datasheet
117Kb / 6P
   Network cable - NBC-MSD/ 5,0-93K/MSD SCO
1408736 PHOENIX-1408736 Datasheet
131Kb / 9P
   Network cable - NBC- 5,0-93E/FRD SCO US
09/11/2020
1407436 PHOENIX-1407436 Datasheet
577Kb / 17P
   NBC-MS/ 5,0-94B/MS SCO - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com