Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 26121604
Description  Network cable - NBC- 1,0-94B/FS SCO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 26121604 Datasheet HTML 8Page - PHOENIX CONTACT 26121604 Datasheet HTML 9Page - PHOENIX CONTACT 26121604 Datasheet HTML 10Page - PHOENIX CONTACT 26121604 Datasheet HTML 11Page - PHOENIX CONTACT 26121604 Datasheet HTML 12Page - PHOENIX CONTACT 26121604 Datasheet HTML 13Page - PHOENIX CONTACT 26121604 Datasheet HTML 14Page - PHOENIX CONTACT 26121604 Datasheet HTML 15Page - PHOENIX CONTACT 26121604 Datasheet HTML 16Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
https://www.phoenixcontact.com/pi/products/1407439
09/11/2020   Page 12 / 16
Network cable - NBC- 1,0-94B/FS SCO - 1407439
Accessories
RJ45 connector - CUC-IND-C1ZNI-S/R4IE8 - 1421607
RJ45 connector, degree of protection: IP20, number of positions: 8, 1 Gbps, CAT5 (IEC 11801:2002), material: Zinc
die-cast, connection method: IDC fast connection, connection cross section: AWG 26- 24, cable outlet: straight, color:
green
 
 
RJ45 connector - CUC-IND-C1ZNI-T/R4IE8 - 1421877
RJ45 connector, degree of protection: IP20, number of positions: 8, 1 Gbps, CAT5 (IEC 11801:2002), material: Zinc
die-cast, connection method: IDC fast connection, connection cross section: AWG 26- 24, cable outlet: angled
 
 
RJ45 connector - CUC-IND-C1ZNI-B/R4IE8 - 1421876
RJ45 connector, degree of protection: IP20, number of positions: 8, 1 Gbps, CAT5 (IEC 11801:2002), material: Zinc
die-cast, connection method: IDC fast connection, connection cross section: AWG 26- 24, cable outlet: angled
 
 
RJ45 connector - CUC-V06-C1PGY-S/R4CE8:1 - 1414383
RJ45 connector, degree of protection: IP67, number of positions: 8, 1 Gbps, CAT6, material: PA, connection method:
Crimp connection, connection cross section: AWG 27- 24, cable outlet: straight, color: gray
 
 
RJ45 connector - CUC-V06-C1PBK-S/R4CE8:1 - 1414408
RJ45 connector, degree of protection: IP67, number of positions: 8, 1 Gbps, CAT6, material: PA, connection method:
Crimp connection, connection cross section: AWG 24- 27, cable outlet: straight, color: black
 
 


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
   Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
428Kb / 14P
   Network cable - NBC-M12FSX/5,0-94F/R4RC
26121604 PHOENIX-26121604 Datasheet
180Kb / 11P
   Network cable - NBC-MS/10,0-94B/MS SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
377Kb / 14P
   Network cable - NBC-M12MSX/1,0-94F/M12MRX
26121604 PHOENIX-26121604 Datasheet
219Kb / 5P
   Network cable - VS-OE-OE-93A-100,0
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407463 PHOENIX-1407463 Datasheet
208Kb / 14P
   Network cable - NBC-MS/ 1,0-94B/FS SCO
09/11/2020
1407455 PHOENIX-1407455 Datasheet
705Kb / 18P
   NBC-FS/ 1,0-94B/R4RC SCO - Network cable
1407459 PHOENIX-1407459 Datasheet
706Kb / 18P
   NBC-FS/ 1,0-94B/R4QC SCO - Network cable
1407443 PHOENIX-1407443 Datasheet
607Kb / 16P
   NBC-FS/ 1,0-94B/R4AC SCO - Network cable
1407451 PHOENIX-1407451 Datasheet
638Kb / 17P
   NBC-FS/ 1,0-94B/R4MC SCO - Network cable
1407404 PHOENIX-1407404 Datasheet
234Kb / 16P
   Network cable - NBC-MS/ 1,0-94B SCO
09/11/2020
1407440 PHOENIX-1407440 Datasheet
956Kb / 28P
   NBC- 2,0-94B/FS SCO - Network cable
1407441 PHOENIX-1407441 Datasheet
953Kb / 28P
   NBC- 5,0-94B/FS SCO - Network cable
1407442 PHOENIX-1407442 Datasheet
956Kb / 28P
   NBC-10,0-94B/FS SCO - Network cable
1407430 PHOENIX-1407430 Datasheet
707Kb / 18P
   NBC-MS/ 1,0-94B/R4QC SCO - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com