Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 23 Page - PHOENIX CONTACT

Part # 26121604
Description  Network cable - NBC-MSD/10,0-937 SCO RAIL
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 23 Page - PHOENIX CONTACT

Back Button 26121604 Datasheet HTML 17Page - PHOENIX CONTACT 26121604 Datasheet HTML 18Page - PHOENIX CONTACT 26121604 Datasheet HTML 19Page - PHOENIX CONTACT 26121604 Datasheet HTML 20Page - PHOENIX CONTACT 26121604 Datasheet HTML 21Page - PHOENIX CONTACT 26121604 Datasheet HTML 22Page - PHOENIX CONTACT 26121604 Datasheet HTML 23Page - PHOENIX CONTACT 26121604 Datasheet HTML 24Page - PHOENIX CONTACT 26121604 Datasheet HTML 25Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
https://www.phoenixcontact.com/pi/products/1407341
09/11/2020   Page 23 / 25
Network cable - NBC-MSD/10,0-937 SCO RAIL - 1407341
Accessories
Sealing cap - PROT-M12 FS-PA-CHAIN - 1430873
M12 sealing cap made of plastic with fixing band, for sensor cables, for free M12 plugs
 
 
Safety locking
Locking clip - SAC-M12-EXCLIP-M - 1558988
Locking clip for the pin side of sensor/actuator cables with M12 connector and M12 connectors for assembly, for knurl
diameter: 15 mm or for Allen key with a wrench size of 14 mm, prevents the disconnection of plug-in connections
without tools
 
 
Screwdriver tools
Adapter insert - TSD-M SAC-BIT ADAPTER - 1212600
Adapter bit for TSD-M...torque tools, E6.3-1/4" drive with 4 mm hexagon to accommodate SAC bits
 
 
Tool - SAC BIT M12-D15 - 1208432
Nut for assembling sensor/actuator cables with M12 connector and M12 connectors for assembly, with a knurl
diameter of 15 mm, for 4 mm hexagonal drive
 
 
Shrink sleeve
Shrink sleeve - WMS-2 HF 6,4 (60X10)RL YE - 0801025
Shrink sleeve, Roll, yellow, can be labeled with: THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2,
THERMOMARK ROLL X1, THERMOMARK ROLL 2.0, THERMOMARK ROLL: without print, Cut, mounting type:
slide-on, cable diameter range: 3.2 ... 6.4 mm, lettering field size: 60 x 10 mm, Number of individual labels: 1000
 
 


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
61Kb / 2P
Coupling - VS-MP-PPC/CG-PO
26121604 PHOENIX-26121604 Datasheet
68Kb / 2P
Coupling - VS-MP-PPC/CG-PO/10G
26121604 PHOENIX-26121604 Datasheet
61Kb / 2P
Coupling - VS-MP-PPC/PPC-PO
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
Coupling - VS-MP-PPC/CG-XL-10G
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1411507 PHOENIX-1411507 Datasheet
129Kb / 7P
Network cable - NBC-MSD/10,0-93K SCO
1411536 PHOENIX-1411536 Datasheet
117Kb / 6P
Network cable - NBC-MSD/10,0-93K/MSD SCO
1407340 PHOENIX-1407340 Datasheet
291Kb / 25P
Network cable - NBC-MSD/ 5,0-937 SCO RAIL
09/11/2020
1407379 PHOENIX-1407379 Datasheet
579Kb / 17P
Network cable - NBC-MSD/10,0-93E/MSD SCO
Jan 11, 2023
1407359 PHOENIX-1407359 Datasheet
969Kb / 28P
Network cable - NBC-MSD/10,0-93E SCO
1407339 PHOENIX-1407339 Datasheet
1Mb / 39P
NBC-MSD/ 2,0-937 SCO RAIL - Network cable
1407342 PHOENIX-1407342 Datasheet
721Kb / 25P
NBC-MSD/ 2,0-937/MSD SCO RAIL - Network cable
1407343 PHOENIX-1407343 Datasheet
721Kb / 25P
NBC-MSD/ 5,0-937/MSD SCO RAIL - Network cable
1412178 PHOENIX-1412178 Datasheet
1Mb / 44P
NBC-MSD SCO RAIL/.../... - Network cable
1412177 PHOENIX-1412177 Datasheet
758Kb / 28P
NBC-MSD-MSD SCO RAIL/.../... - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com