Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 26121604
Description  Network cable - NBC-MSD/10,0-937 SCO RAIL
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  26121604 Datasheet HTML 1Page - PHOENIX CONTACT 26121604 Datasheet HTML 2Page - PHOENIX CONTACT 26121604 Datasheet HTML 3Page - PHOENIX CONTACT 26121604 Datasheet HTML 4Page - PHOENIX CONTACT 26121604 Datasheet HTML 5Page - PHOENIX CONTACT 26121604 Datasheet HTML 6Page - PHOENIX CONTACT 26121604 Datasheet HTML 7Page - PHOENIX CONTACT 26121604 Datasheet HTML 8Page - PHOENIX CONTACT 26121604 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
https://www.phoenixcontact.com/pi/products/1407341
09/11/2020   Page 1 / 25
Network cable - NBC-MSD/10,0-937 SCO RAIL - 1407341
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Network cable, PROFINET CAT5 (100 Mbps), Ethernet CAT5 (100 Mbps), 4-position, PE-X, black RAL 9005,
shielded, Plug straight M12 SPEEDCON / IP65, coding: D, on free cable end, cable length: 10 m, For railway
applications
Your advantages
 Easy and safe: 100% electrically tested plug-in components
 Safety thanks to flame retardancy: PA 6.6 grip and radiation-cross-linked cables satisfy the most stringent requirements
 Securely locked by special vibration brake
 Resistant to temperature influences – tested for an extended temperature range and for resistance to temperature shocks
 Reliable signal transmission – 360° shielding in environments with electromagnetic interference
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356774574
Technical data
Dimensions
Length of cable
10 m
Ambient conditions
Degree of protection
IP65
Ambient temperature (operation)
-40 °C ... 85 °C (Plug / socket)
General data
Note
Further products with variable cable type and variable cable length can
be found in the accessories section
Rated current at 40°C
4 A
Rated voltage
48 V AC
60 V DC
Number of positions
4


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
188Kb / 13P
   Bus system cable - SAC-5P-MR/ 2,0-923/FS CAN SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
377Kb / 14P
   Network cable - NBC-M12MSX/1,0-94F/M12MRX
26121604 PHOENIX-26121604 Datasheet
219Kb / 5P
   Network cable - VS-OE-OE-93A-100,0
26121604 PHOENIX-26121604 Datasheet
236Kb / 16P
   Network cable - NBC- 1,0-94B/FS SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
   Coupling - VS-MP-PPC/CG-10G
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407342 PHOENIX-1407342 Datasheet
721Kb / 25P
   NBC-MSD/ 2,0-937/MSD SCO RAIL - Network cable
1407343 PHOENIX-1407343 Datasheet
721Kb / 25P
   NBC-MSD/ 5,0-937/MSD SCO RAIL - Network cable
1407339 PHOENIX-1407339 Datasheet
1Mb / 39P
   NBC-MSD/ 2,0-937 SCO RAIL - Network cable
1407340 PHOENIX-1407340 Datasheet
291Kb / 25P
   Network cable - NBC-MSD/ 5,0-937 SCO RAIL
09/11/2020
1411536 PHOENIX-1411536 Datasheet
117Kb / 6P
   Network cable - NBC-MSD/10,0-93K/MSD SCO
1407379 PHOENIX-1407379 Datasheet
579Kb / 17P
   Network cable - NBC-MSD/10,0-93E/MSD SCO
Jan 11, 2023
1407359 PHOENIX-1407359 Datasheet
969Kb / 28P
   Network cable - NBC-MSD/10,0-93E SCO
1412177 PHOENIX-1412177 Datasheet
758Kb / 28P
   NBC-MSD-MSD SCO RAIL/.../... - Network cable
1411507 PHOENIX-1411507 Datasheet
129Kb / 7P
   Network cable - NBC-MSD/10,0-93K SCO
1412178 PHOENIX-1412178 Datasheet
1Mb / 44P
   NBC-MSD SCO RAIL/.../... - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com