Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP133A1330SR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XP133A1330SR
Description  N-Channel Power MOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XP133A1330SR Datasheet(HTML) 4 Page - Torex Semiconductor

  XP133A1330SR Datasheet HTML 1Page - Torex Semiconductor XP133A1330SR Datasheet HTML 2Page - Torex Semiconductor XP133A1330SR Datasheet HTML 3Page - Torex Semiconductor XP133A1330SR Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
XP133A1330SR
770
11
10
100
1000
10000
0
5
10
15
20
Coss
Ciss
Crss
10
100
1000
02
4
6
8
10
tr
td(on)
td(off)
tf
Drain-Source Voltage:Vds (V)
Drain Current:Id (A)
Vgs=5V, Vdd
10V, PW=10μs, duty
≤1%, Ta=25℃
SWITCHING TIME vs. DRAIN CURRENT
Vgs=0V, f=1MHz, Ta=25℃
CAPACITANCE vs. DRAIN-SOURCE VOLTAGE
0
1
2
3
4
5
0
5
10
15
20
25
30
Vds=10V, Id=6A, Ta=25℃
0
4
8
12
16
20
0
0.2
0.4
0.6
0.8
1
1.2
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
STANDARDIZED TRANSITION THERMAL RESISTANCE vs. PULSE WIDTH
Rth(ch-a)=62.5℃/W, (Implemented on a glass epoxy PCB)
Pulse Width:PW (s)
Single Pulse
Gate Charge:Qg (nc)
Source-Drain Voltage:Vsd (V)
Ta=25℃, Pulse Test
GATE-SOURCE VOLTAGE vs. GATE CHARGE
REVERSE DRAIN CURRENT
vs. SOURCE-DRAIN VOLTAGE
4.5V
1.5V
2.5V
Vgs=0V, -4.5V
11S_21XP133A1330SR 02.9.12 4:01 PM ページ 770


Similar Part No. - XP133A1330SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP133A1330SR TOREX-XP133A1330SR Datasheet
445Kb / 5P
   Power MOSFET
XP133A1330SR TOREX-XP133A1330SR_1 Datasheet
445Kb / 5P
   Power MOSFET
More results

Similar Description - XP133A1330SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Torex Semiconductor
XP131A0232SR TOREX-XP131A0232SR Datasheet
174Kb / 4P
   N-Channel Power MOS FET
XP133A0175SR TOREX-XP133A0175SR Datasheet
171Kb / 4P
   N-Channel Power MOS FET
logo
Renesas Technology Corp
NP120N04NUK RENESAS-NP120N04NUK Datasheet
347Kb / 8P
   N-channel Power MOS FET
NP60N06PDK RENESAS-NP60N06PDK Datasheet
366Kb / 9P
   N-channel Power MOS FET
NP179N04TUK RENESAS-NP179N04TUK Datasheet
332Kb / 8P
   N-channel Power MOS FET
logo
Torex Semiconductor
XP131A0526SR TOREX-XP131A0526SR Datasheet
184Kb / 4P
   N-Channel Power MOS FET
logo
Renesas Technology Corp
NP45N06VDK RENESAS-NP45N06VDK Datasheet
371Kb / 9P
   N-channel Power MOS FET
NP119N04NUK RENESAS-NP119N04NUK Datasheet
347Kb / 8P
   N-channel Power MOS FET
logo
Torex Semiconductor
XP131A1715SR TOREX-XP131A1715SR Datasheet
224Kb / 4P
   N-Channel Power MOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com