Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP133A1330SR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XP133A1330SR
Description  N-Channel Power MOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XP133A1330SR Datasheet(HTML) 3 Page - Torex Semiconductor

  XP133A1330SR Datasheet HTML 1Page - Torex Semiconductor XP133A1330SR Datasheet HTML 2Page - Torex Semiconductor XP133A1330SR Datasheet HTML 3Page - Torex Semiconductor XP133A1330SR Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
■Typical Performance Characteristics
0
4
8
12
16
20
0
0.5
1
1.5
2
2.5
3
Ta=25℃, Pulse Test
Vgs=1V
1.5V
2V
3V
2.5V
4V
5V
0
4
8
12
16
20
0
0.5
1
1.5
2
2.5
Vds=10V, Pulse Test
125℃
25℃
0
0.02
0.04
0.06
0.08
0.1
0
1
23
45
Id=6A
3A
0.01
0.1
04
8
12
16
20
Vgs=1.5V
DRAIN CURRENT vs. DRAIN-SOURCE VOLTAGE
Drain-Source Voltage:Vds (V)
Gate-Source Voltage:Vgs (V)
DRAIN CURRENT vs. GATE-SOURCE VOLTAGE
Ta=-55℃
Ta=25℃, Pulse Test
Ta=25℃, Pulse Test
DRAIN-SOURCE ON-STATE RESISTANCE
vs. GATE-SOURCE VOLTAGE
4.5V
2.5V
Gate-Source Voltage:Vgs (V)
Drain Current:Id (A)
DRAIN-SOURCE ON-STATE RESISTANCE
vs. DRAIN CURRENT
0
0.02
0.04
0.06
0.08
0.1
-50
0
50
100
150
Ambient Temp. :Topr (℃)
2.5V
Vgs=1.5V
Id=3A
1A
4.5V
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
-50
0
50
100
150
Ambient Temp. :Topr (℃)
DRAIN-SOURCE ON-STATE RESISTANCE
vs. AMBIENT TEMPERATURE
GATE-SOURCE CUT-OFF VOLTAGE VARIANCE
vs. AMBIENT TEMPERATURE
Pulse Test
Vds=10V, Id=1mA
3A, 6A
3A, 6A
XP133A1330SR
769
11
11S_21XP133A1330SR 02.9.12 4:01 PM ページ 769


Similar Part No. - XP133A1330SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP133A1330SR TOREX-XP133A1330SR Datasheet
445Kb / 5P
   Power MOSFET
XP133A1330SR TOREX-XP133A1330SR_1 Datasheet
445Kb / 5P
   Power MOSFET
More results

Similar Description - XP133A1330SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Torex Semiconductor
XP131A0232SR TOREX-XP131A0232SR Datasheet
174Kb / 4P
   N-Channel Power MOS FET
XP133A0175SR TOREX-XP133A0175SR Datasheet
171Kb / 4P
   N-Channel Power MOS FET
logo
Renesas Technology Corp
NP120N04NUK RENESAS-NP120N04NUK Datasheet
347Kb / 8P
   N-channel Power MOS FET
NP60N06PDK RENESAS-NP60N06PDK Datasheet
366Kb / 9P
   N-channel Power MOS FET
NP179N04TUK RENESAS-NP179N04TUK Datasheet
332Kb / 8P
   N-channel Power MOS FET
logo
Torex Semiconductor
XP131A0526SR TOREX-XP131A0526SR Datasheet
184Kb / 4P
   N-Channel Power MOS FET
logo
Renesas Technology Corp
NP45N06VDK RENESAS-NP45N06VDK Datasheet
371Kb / 9P
   N-channel Power MOS FET
NP119N04NUK RENESAS-NP119N04NUK Datasheet
347Kb / 8P
   N-channel Power MOS FET
logo
Torex Semiconductor
XP131A1715SR TOREX-XP131A1715SR Datasheet
224Kb / 4P
   N-Channel Power MOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com