Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP131A0526SR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XP131A0526SR
Description  N-Channel Power MOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XP131A0526SR Datasheet(HTML) 4 Page - Torex Semiconductor

  XP131A0526SR Datasheet HTML 1Page - Torex Semiconductor XP131A0526SR Datasheet HTML 2Page - Torex Semiconductor XP131A0526SR Datasheet HTML 3Page - Torex Semiconductor XP131A0526SR Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
XP131A0526SR
726
11
10
8
6
4
2
0
020
10
30
40
50
GATE-SOURCE VOLTAGE vs. GATE CHARGE
Vds=10V, Id=10A
Gate Charge:Qg (nc)
0,-4.5V
Vgs=4.5V
30
20
10
5
25
15
0
0
0.2
0.4
0.6
0.8
1
REVERSE DRAIN CURRENT
vs. SOURCE-DRAIN VOLTAGE
Pulse Test
Source-Drain Voltage:Vsd (V)
10
0.0001
0.01
0.001
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
STANDARDIZED TRANSITION THERMAL RESISTANCE vs. PULSE WIDTH
Rth (ch-a)=50˚C/W, (Implemented on a glass epoxy PCB)
Pulse Width:PW (sec)
Single Pulse
10000
1000
100
015
20
510
30
25
Ciss
Coss
Crss
CAPACITANCE vs. DRAIN-SOURCE VOLTAGE
Vgs=0V, f=1MHz
Drain-Source Voltage:Vds (V)
1000
100
10
0.1
1
10
tr
td(off)
tf
td(on)
SWITCHING TIME vs. DRAIN CURRENT
Vgs=5V, Vdd
≒10V, PW=10
µsec. duty≤1%
Drain Current:Id (A)
11S_10XP131A0526SR 02.9.12 3:53 PM ページ 726


Similar Part No. - XP131A0526SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP131A0150SR TOREX-XP131A0150SR Datasheet
162Kb / 4P
Power MOS FET
XP131A0232SR TOREX-XP131A0232SR Datasheet
174Kb / 4P
N-Channel Power MOS FET
XP131A0616SR TOREX-XP131A0616SR Datasheet
62Kb / 4P
Power MOSFET
More results

Similar Description - XP131A0526SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Torex Semiconductor
XP131A0232SR TOREX-XP131A0232SR Datasheet
174Kb / 4P
N-Channel Power MOS FET
XP133A0175SR TOREX-XP133A0175SR Datasheet
171Kb / 4P
N-Channel Power MOS FET
logo
Renesas Technology Corp
NP120N04NUK RENESAS-NP120N04NUK Datasheet
347Kb / 8P
N-channel Power MOS FET
NP60N06PDK RENESAS-NP60N06PDK Datasheet
366Kb / 9P
N-channel Power MOS FET
NP179N04TUK RENESAS-NP179N04TUK Datasheet
332Kb / 8P
N-channel Power MOS FET
NP45N06VDK RENESAS-NP45N06VDK Datasheet
371Kb / 9P
N-channel Power MOS FET
NP119N04NUK RENESAS-NP119N04NUK Datasheet
347Kb / 8P
N-channel Power MOS FET
logo
Torex Semiconductor
XP131A1715SR TOREX-XP131A1715SR Datasheet
224Kb / 4P
N-Channel Power MOS FET
XP133A1330SR TOREX-XP133A1330SR Datasheet
193Kb / 4P
N-Channel Power MOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com