Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP131A0526SR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XP131A0526SR
Description  N-Channel Power MOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XP131A0526SR Datasheet(HTML) 3 Page - Torex Semiconductor

  XP131A0526SR Datasheet HTML 1Page - Torex Semiconductor XP131A0526SR Datasheet HTML 2Page - Torex Semiconductor XP131A0526SR Datasheet HTML 3Page - Torex Semiconductor XP131A0526SR Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
■Typical Performance Characteristics
30
25
20
15
10
5
0
01
3
24
5
3.5V
3V
4V
10V
5V
4.5V
Vgs=2.5V
DRAIN CURRENT vs. DRAIN-SOURCE VOLTAGE
Pulse Test, Ta=25
°C
Drain-Source Voltage:Vds (V)
Topr=25 ℃
125 ℃
-55 ℃
30
25
20
15
10
5
0
01
3
24
5
DRAIN CURRENT vs. GATE-SOURCE VOLTAGE
Pulse Test, Vds=10V
Gate-Source Voltage:Vgs (V)
0.05
0
0.02
0.04
0.03
0.01
02468
10
10A
Id=5A
DRAIN-SOURCE ON-STATE RESISTANCE
vs. GATE-SOURCE VOLTAGE
Pulse Test, Ta=25
°C
Gate-Source Voltage:Vgs (V)
0.1
0.01
05
15
10
25
20
30
Vgs=4.5V
10V
DRAIN-SOURCE ON-STATE RESISTANCE
vs. DRAIN CURRENT
Pulse Test, Ta=25
°C
Drain Current:Id (A)
0.05
0.04
0.03
0
-60
30
60
-30
0
150
0.02
0.01
90
120
Id=10A
5A
5A,10A
10V
Vgs=4.5V
DRAIN-SOURCE ON-STATE RESISTANCE
vs. AMBIENT TEMPERATURE
Pulse Test
Ambient Temp.:Topr (
°C)
1
0.5
0
-1
-60
30
60
-30
0
150
-0.5
90
120
GATE-SOURCE CUT-OFF VOLTAGE VARIANCE
vs. AMBIENT TEMPERATURE
Vds=10V, Id=1mA
Ambient Temp.:Topr (
°C)
XP131A0526SR
725
11
11S_10XP131A0526SR 02.9.12 3:53 PM ページ 725


Similar Part No. - XP131A0526SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP131A0150SR TOREX-XP131A0150SR Datasheet
162Kb / 4P
Power MOS FET
XP131A0232SR TOREX-XP131A0232SR Datasheet
174Kb / 4P
N-Channel Power MOS FET
XP131A0616SR TOREX-XP131A0616SR Datasheet
62Kb / 4P
Power MOSFET
More results

Similar Description - XP131A0526SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Torex Semiconductor
XP131A0232SR TOREX-XP131A0232SR Datasheet
174Kb / 4P
N-Channel Power MOS FET
XP133A0175SR TOREX-XP133A0175SR Datasheet
171Kb / 4P
N-Channel Power MOS FET
logo
Renesas Technology Corp
NP120N04NUK RENESAS-NP120N04NUK Datasheet
347Kb / 8P
N-channel Power MOS FET
NP60N06PDK RENESAS-NP60N06PDK Datasheet
366Kb / 9P
N-channel Power MOS FET
NP179N04TUK RENESAS-NP179N04TUK Datasheet
332Kb / 8P
N-channel Power MOS FET
NP45N06VDK RENESAS-NP45N06VDK Datasheet
371Kb / 9P
N-channel Power MOS FET
NP119N04NUK RENESAS-NP119N04NUK Datasheet
347Kb / 8P
N-channel Power MOS FET
logo
Torex Semiconductor
XP131A1715SR TOREX-XP131A1715SR Datasheet
224Kb / 4P
N-Channel Power MOS FET
XP133A1330SR TOREX-XP133A1330SR Datasheet
193Kb / 4P
N-Channel Power MOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com