Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP131A0232SR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XP131A0232SR
Description  N-Channel Power MOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XP131A0232SR Datasheet(HTML) 2 Page - Torex Semiconductor

  XP131A0232SR Datasheet HTML 1Page - Torex Semiconductor XP131A0232SR Datasheet HTML 2Page - Torex Semiconductor XP131A0232SR Datasheet HTML 3Page - Torex Semiconductor XP131A0232SR Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
XP131A0232SR
720
11
■Electrical Characteristics
DC Characteristics
Ta=25
°C
PARAMETER
UNITS
Gate-Source Cut-off Voltage
Vgs(off)
0.5
V
0.045
0.035
Id=4A, Vgs=2.5V
0.08
0.055
Id=4A, Vgs=1.5V
Gate-Source Leakage Current
Igss
µA
±10
Forward Transfer Admittance
(note)
18S
Body Drain Diode
Forward Voltage
0.85
1.1
V
Drain Cut-off Current
Idss
10
µA
Vf
Vds=20V, Vgs=0V
Id=1mA, Vds=10V
Id=4A, Vds=10V
If=8A, Vgs=0V
Vgs=
±8V, Vds=0V
Drain-Source On-state
Resistance (note)
Rds(on)
Id=4A, Vgs=4.5V
0.025
0.032
SYMBOL
CONDITIONS
MAX
MIN
TYP
PARAMETER
UNITS
Feedback Capacitance
Crss
pF
Output Capacitance
Coss
pF
Input Capacitance
Ciss
180
550
1200
pF
Vds=10V, Vgs=0V
f=1MHz
SYMBOL
CONDITIONS
MAX
MIN
TYP
Dynamic Characteristics
Ta=25
°C
Effective during pulse test.
Note:
Yfs
PARAMETER
UNITS
Fall Time
tf
ns
Rise Time
tr
ns
Turn-on Delay Time
td (on)
10
Turn-off Delay Time
td (off)
ns
80
15
15ns
Vgs=5V, Id=4A
Vdd=10V
SYMBOL
CONDITIONS
MAX
MIN
TYP
Switching Characteristics
Ta=25
°C
PARAMETER
UNITS
Rth (ch-a)
Thermal Resistance
(channel-ambience)
50
˚C/W
Implement on a glass epoxy
resin PCB
SYMBOL
CONDITIONS
MAX
MIN
TYP
Thermal Characteristics
11S_09XP131A0232SR 02.9.12 3:52 PM ページ 720


Similar Part No. - XP131A0232SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP131A0150SR TOREX-XP131A0150SR Datasheet
162Kb / 4P
Power MOS FET
XP131A0526SR TOREX-XP131A0526SR Datasheet
184Kb / 4P
N-Channel Power MOS FET
XP131A0616SR TOREX-XP131A0616SR Datasheet
62Kb / 4P
Power MOSFET
More results

Similar Description - XP131A0232SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Torex Semiconductor
XP133A0175SR TOREX-XP133A0175SR Datasheet
171Kb / 4P
N-Channel Power MOS FET
logo
Renesas Technology Corp
NP120N04NUK RENESAS-NP120N04NUK Datasheet
347Kb / 8P
N-channel Power MOS FET
NP60N06PDK RENESAS-NP60N06PDK Datasheet
366Kb / 9P
N-channel Power MOS FET
NP179N04TUK RENESAS-NP179N04TUK Datasheet
332Kb / 8P
N-channel Power MOS FET
logo
Torex Semiconductor
XP131A0526SR TOREX-XP131A0526SR Datasheet
184Kb / 4P
N-Channel Power MOS FET
logo
Renesas Technology Corp
NP45N06VDK RENESAS-NP45N06VDK Datasheet
371Kb / 9P
N-channel Power MOS FET
NP119N04NUK RENESAS-NP119N04NUK Datasheet
347Kb / 8P
N-channel Power MOS FET
logo
Torex Semiconductor
XP131A1715SR TOREX-XP131A1715SR Datasheet
224Kb / 4P
N-Channel Power MOS FET
XP133A1330SR TOREX-XP133A1330SR Datasheet
193Kb / 4P
N-Channel Power MOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com