Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP131A0232SR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XP131A0232SR
Description  N-Channel Power MOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XP131A0232SR Datasheet(HTML) 1 Page - Torex Semiconductor

  XP131A0232SR Datasheet HTML 1Page - Torex Semiconductor XP131A0232SR Datasheet HTML 2Page - Torex Semiconductor XP131A0232SR Datasheet HTML 3Page - Torex Semiconductor XP131A0232SR Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Power MOS FET
719
11
■General Description
■Features
■Applications
■Pin Configuration
■Equivalent Circuit
■Absolute Maximum Ratings
■Pin Assignment
The XP131A0232SR is an N-Channel Power MOS FET with low on-state
resistance and ultra high-speed switching characteristics.
Because high-speed switching is possible, the IC can be efficiently set
thereby saving energy.
The small SOP-8 package makes high density mounting possible.
Low on-state resistance : Rds(on)=0.032
Ω (Vgs=4.5V)
: Rds(on)=0.045
Ω (Vgs=2.5V)
: Rds(on)=0.08
Ω (Vgs=1.5V)
Ultra high-speed switching
Operational Voltage
: 1.5V
High density mounting : SOP-8
GNotebook PCs
GCellular and portable phones
GOn-board power supplies
GLi-ion battery systems
NN-Channel Power MOS FET
NDMOS Structure
NLow On-State Resistance: 0.032Ω (max)
NUltra High-Speed Switching
NSOP-8 Package
1
2
3
4
8
7
6
5
SOP-8
(TOP VIEW)
SD
D
SD
GD
1
2
3
4
8
7
6
5
N-Channel MOS FET
(1 device built-in)
PIN NUMBER
PIN NAME
FUNCTION
1∼ 3
Source
4
Gate
5∼ 8
Drain
PARAMETER
Drain-Source Voltage
Gate-Source Voltage
Drain Current (DC)
Drain Current (Pulse)
Reverse Drain Current
Continuous Channel
Power Dissipation (note)
Channel Temperature
Storage Temperature
Vdss
Vgss
Id
Idp
Idr
Pd
Tch
Tstg
20
±8
8
25
8
2.5
150
-55~150
V
V
A
A
A
W
°C
°C
SYMBOL
RATINGS
UNITS
Ta=25
°C
When implemented on a glass epoxy PCB
Note:
11S_09XP131A0232SR 02.9.12 3:52 PM ページ 719


Similar Part No. - XP131A0232SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP131A0150SR TOREX-XP131A0150SR Datasheet
162Kb / 4P
Power MOS FET
XP131A0526SR TOREX-XP131A0526SR Datasheet
184Kb / 4P
N-Channel Power MOS FET
XP131A0616SR TOREX-XP131A0616SR Datasheet
62Kb / 4P
Power MOSFET
More results

Similar Description - XP131A0232SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Torex Semiconductor
XP133A0175SR TOREX-XP133A0175SR Datasheet
171Kb / 4P
N-Channel Power MOS FET
logo
Renesas Technology Corp
NP120N04NUK RENESAS-NP120N04NUK Datasheet
347Kb / 8P
N-channel Power MOS FET
NP60N06PDK RENESAS-NP60N06PDK Datasheet
366Kb / 9P
N-channel Power MOS FET
NP179N04TUK RENESAS-NP179N04TUK Datasheet
332Kb / 8P
N-channel Power MOS FET
logo
Torex Semiconductor
XP131A0526SR TOREX-XP131A0526SR Datasheet
184Kb / 4P
N-Channel Power MOS FET
logo
Renesas Technology Corp
NP45N06VDK RENESAS-NP45N06VDK Datasheet
371Kb / 9P
N-channel Power MOS FET
NP119N04NUK RENESAS-NP119N04NUK Datasheet
347Kb / 8P
N-channel Power MOS FET
logo
Torex Semiconductor
XP131A1715SR TOREX-XP131A1715SR Datasheet
224Kb / 4P
N-Channel Power MOS FET
XP133A1330SR TOREX-XP133A1330SR Datasheet
193Kb / 4P
N-Channel Power MOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com