Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

09-14-024-0361 Datasheet(PDF) 2 Page - HARTING Technology Group

Part # 09-14-024-0361
Description  Han hinged frame plus, for 6 modules A-F
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09-14-024-0361 Datasheet(HTML) 2 Page - HARTING Technology Group

  09-14-024-0361 Datasheet HTML 1Page - HARTING Technology Group 09-14-024-0361 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product data sheet
09 14 024 0361
Han hinged frame plus, for 6 modules A-F
Material properties
California Proposition 65 substances
No
Specifications and approvals
Specifications
EN 60664-1
IEC 61984
Approvals
DNV GL
UL / CSA
UL 1977 ECBT2.E235076
Commercial data
Packaging size
1
Net weight
77.74 g
Country of origin
Germany
European customs tariff number
85389099
eCl@ss
27440206 Module carrier frame for industrial connectors
Page 2 / 2 | Creation date 2021-11-20 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to the
user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric Stiftung & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 09-14-024-0361

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-14-024-0303 HARTING-09-14-024-0303 Datasheet
484Kb / 2P
   Hinged frame 24B for 6 modules (A..F)
2021-10-01
09-14-024-0309 HARTING-09-14-024-0309 Datasheet
592Kb / 2P
   Hinged Frame 24B A-F w/o fix. screws
2021-10-01
09-14-024-0313 HARTING-09-14-024-0313 Datasheet
493Kb / 2P
   Hinged frame 24B for 6 modules (a..f)
2021-10-01
09-14-024-0319 HARTING-09-14-024-0319 Datasheet
567Kb / 2P
   Hinged Frame 24B a-f w/o fix. screws
2021-10-01
09-14-024-0371 HARTING-09-14-024-0371 Datasheet
530Kb / 2P
   Han hinged frame plus, for 6 modules a-f
2021-11-20
More results

Similar Description - 09-14-024-0361

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-14-024-0371 HARTING-09-14-024-0371 Datasheet
530Kb / 2P
   Han hinged frame plus, for 6 modules a-f
2021-11-20
09-14-016-0371 HARTING-09-14-016-0371 Datasheet
506Kb / 2P
   Han hinged frame plus, for 4 modules a-d
2021-11-20
09-14-032-0371 HARTING-09-14-032-0371 Datasheet
523Kb / 2P
   Han hinged frame plus, for 8 modules a-h
2021-11-20
09-14-032-0361 HARTING-09-14-032-0361 Datasheet
523Kb / 2P
   Han hinged frame plus, for 8 modules A-H
2021-11-20
09-14-006-0371 HARTING-09-14-006-0371 Datasheet
512Kb / 2P
   Han hinged frame plus, for 2 modules a-b
2021-11-23
09-14-010-0361 HARTING-09-14-010-0361 Datasheet
517Kb / 2P
   Han hinged frame plus, for 3 modules A-C
2021-11-23
09-14-010-0371 HARTING-09-14-010-0371 Datasheet
513Kb / 2P
   Han hinged frame plus, for 3 modules a-c
2021-11-23
09-14-016-0361 HARTING-09-14-016-0361 Datasheet
511Kb / 2P
   Han hinged frame plus, for 4 modules A-D
2021-11-20
09-14-006-0361 HARTING-09-14-006-0361 Datasheet
504Kb / 2P
   Han hinged frame plus, for 2 modules A-B
2021-11-23
09-14-024-0303 HARTING-09-14-024-0303 Datasheet
484Kb / 2P
   Hinged frame 24B for 6 modules (A..F)
2021-10-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com