Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

09-00-006-5605 Datasheet(PDF) 2 Page - HARTING Technology Group

Part # 09-00-006-5605
Description  grip frame Han 6B hinged frame
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09-00-006-5605 Datasheet(HTML) 2 Page - HARTING Technology Group

  09-00-006-5605 Datasheet HTML 1Page - HARTING Technology Group 09-00-006-5605 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product data sheet
09 00 006 5605
grip frame Han 6B hinged frame
Commercial data
Net weight
127 g
Country of origin
Germany
European customs tariff number
85389099
eCl@ss
27440392 Connector (accessories)
Page 2 / 2 | Creation date 2021-10-01 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to the
user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric Stiftung & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 09-00-006-5605

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-00-006-5610 HARTING-09-00-006-5610 Datasheet
1Mb / 2P
   Contact insert bracket 6B
2021-10-08
More results

Similar Description - 09-00-006-5605

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-00-016-5605 HARTING-09-00-016-5605 Datasheet
521Kb / 2P
   grip panels Han-Modular 16 hinged frame
2021-10-01
09-00-024-5605 HARTING-09-00-024-5605 Datasheet
520Kb / 2P
   grip panels Han-Modular 24 hinged frame
2021-10-01
09-30-006-1704 HARTING-09-30-006-1704 Datasheet
486Kb / 2P
   Han 6B Docking Frame (35 mm)
2021-10-01
09-30-006-5418 HARTING-09-30-006-5418 Datasheet
470Kb / 2P
   Cover for Han 6B docking frame
2021-10-22
09-30-006-9301 HARTING-09-30-006-9301 Datasheet
485Kb / 1P
   Han 6B HBM Rear Fit Frame
2021-10-01
09-14-206-0303 HARTING-09-14-206-0303 Datasheet
465Kb / 2P
   Hinged frame HMC 6B f. 2 modules (A..B)
2021-10-01
09-14-206-0313 HARTING-09-14-206-0313 Datasheet
465Kb / 2P
   Hinged frame HMC 6B f. 2 modules (a..b)
2021-10-01
09-14-024-0361 HARTING-09-14-024-0361 Datasheet
519Kb / 2P
   Han hinged frame plus, for 6 modules A-F
2021-11-20
09-14-006-0371 HARTING-09-14-006-0371 Datasheet
512Kb / 2P
   Han hinged frame plus, for 2 modules a-b
2021-11-23
09-14-024-0371 HARTING-09-14-024-0371 Datasheet
530Kb / 2P
   Han hinged frame plus, for 6 modules a-f
2021-11-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com