Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4614 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4614
Description  Complementary Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4614 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4614 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4614 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4614 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4614 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4614 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4614 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4614 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AO4614
Symbol
Min
Typ
Max
Units
BVDSS
40
V
1
TJ=55°C
5
IGSS
±100
nA
VGS(th)
1
2.3
3
V
ID(ON)
20
A
23.2
31
TJ=125°C
36
48
32.6
45
m
gFS
22
S
VSD
0.77
1
V
IS
3A
Ciss
404
pF
Coss
95
pF
Crss
37
pF
Rg
2.7
Qg(10V)
8.3
nC
Qg(4.5V)
4.2
nC
Qgs
1.3
nC
Qgd
2.3
nC
tD(on)
4.2
ns
tr
3.3
ns
tD(off)
15.6
ns
tf
3ns
trr
20.5
ns
Qrr
14.5
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Maximum Body-Diode Continuous Current
DYNAMIC PARAMETERS
Body Diode Reverse Recovery Charge
Total Gate Charge
IF=6A, dI/dt=100A/µs
Turn-Off DelayTime
Turn-Off Fall Time
Body Diode Reverse Recovery Time
IF=6A, dI/dt=100A/µs
Input Capacitance
N Channel Electrical Characteristics (T J=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
Drain-Source Breakdown Voltage
ID=10mA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS=32V, VGS=0V
µA
Gate-Body leakage current
VDS=0V, VGS= ±20V
Gate Threshold Voltage
VDS=VGS ID=250µA
On state drain current
VGS=10V, VDS=5V
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
m
VGS=4.5V, ID=5A
VDS=5V, ID=6A
IS=1A,VGS=0V
VGS=10V, ID=6A
Diode Forward Voltage
VGS=10V, VDS=20V, RL=3.3Ω,
RGEN=3Ω
Gate Source Charge
Gate Drain Charge
Turn-On DelayTime
Turn-On Rise Time
Total Gate Charge
VGS=10V, VDS=20V, ID=6A
VGS=0V, VDS=20V, f=1MHz
VGS=0V, VDS=0V, f=1MHz
SWITCHING PARAMETERS
Reverse Transfer Capacitance
Gate resistance
Output Capacitance
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The value in
any given application depends on the user's specific board design. The current rating is based on the t≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25°C. The SOA curve
provides a single pulse rating.
Rev 3 : Sept 2005
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4614

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AO4614 VBSEMI-AO4614 Datasheet
1Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
AO4614 UMW-AO4614 Datasheet
358Kb / 9P
40V P-Channel and N-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
AO4614 EVVOSEMI-AO4614 Datasheet
316Kb / 9P
40V P-Channel and N-Channel MOSFET
Rev:2023A2
logo
Alpha & Omega Semicondu...
AO4614A AOSMD-AO4614A Datasheet
152Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4614A KEXIN-AO4614A Datasheet
2Mb / 7P
Complementary Trench MOSFET
More results

Similar Description - AO4614

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4622 AOSMD-AO4622 Datasheet
189Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO7600 ETC1-AO7600 Datasheet
139Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4604 AOSMD-AO4604_09 Datasheet
343Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AO4609 AOSMD-AO4609 Datasheet
656Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com