Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

09-00-016-5605 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 09-00-016-5605
Description  grip panels Han-Modular 16 hinged frame
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09-00-016-5605 Datasheet(HTML) 1 Page - HARTING Technology Group

  09-00-016-5605 Datasheet HTML 1Page - HARTING Technology Group 09-00-016-5605 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
09 00 016 5605
grip panels Han-Modular 16 hinged frame
grip panels Han-Modular 16 hinged frame
Image is for illustration purposes only. Please refer to product description.
Part number
09 00 016 5605
Specification
grip panels Han-Modular 16 hinged
frame
HARTING eCatalogue
https://b2b.harting.com/09000165605
Identification
Category
Accessories
Series
Han-Modular®
Type of accessory
Grip frame
Description of the accessory
With screw adapter and screw to use in connection with 09 00 000 5602
Version
Size
16 B
Material properties
Material (accessories)
Metal
Surface (accessories)
Zinc plated
RoHS
compliant
ELV status
compliant
China RoHS
e
REACH Annex XVII substances
No
REACH ANNEX XIV substances
No
REACH SVHC substances
No
California Proposition 65 substances
Yes
California Proposition 65 substances
Nickel
Commercial data
Packaging size
1
Net weight
118.69 g
Page 1 / 2 | Creation date 2021-10-01 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric Stiftung & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 09-00-016-5605

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-00-016-5603 HARTING-09-00-016-5603 Datasheet
477Kb / 2P
   Grip panel Han 16 B
2021-10-01
09-00-016-5607 HARTING-09-00-016-5607 Datasheet
436Kb / 1P
   Grip panel low,screw adapter Han-Mod16B
2021-10-01
More results

Similar Description - 09-00-016-5605

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-00-024-5605 HARTING-09-00-024-5605 Datasheet
520Kb / 2P
   grip panels Han-Modular 24 hinged frame
2021-10-01
09-00-006-5605 HARTING-09-00-006-5605 Datasheet
524Kb / 2P
   grip frame Han 6B hinged frame
2021-10-01
09-14-016-0313 HARTING-09-14-016-0313 Datasheet
499Kb / 2P
   Han Modular frame 16 housing 4 module
2021-11-20
09-14-016-0303 HARTING-09-14-016-0303 Datasheet
498Kb / 2P
   Han Modular frame 16 hood 4 module A-D
2021-11-20
09-14-000-9924 HARTING-09-14-000-9924 Datasheet
453Kb / 2P
   Han-Modular Twin shielding frame
2021-10-01
09-14-024-0361 HARTING-09-14-024-0361 Datasheet
519Kb / 2P
   Han hinged frame plus, for 6 modules A-F
2021-11-20
09-14-006-0371 HARTING-09-14-006-0371 Datasheet
512Kb / 2P
   Han hinged frame plus, for 2 modules a-b
2021-11-23
09-14-016-0371 HARTING-09-14-016-0371 Datasheet
506Kb / 2P
   Han hinged frame plus, for 4 modules a-d
2021-11-20
09-14-032-0371 HARTING-09-14-032-0371 Datasheet
523Kb / 2P
   Han hinged frame plus, for 8 modules a-h
2021-11-20
09-14-024-0371 HARTING-09-14-024-0371 Datasheet
530Kb / 2P
   Han hinged frame plus, for 6 modules a-f
2021-11-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com