Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7760048052 Datasheet(PDF) 1 Page - Weidmuller

Part # 7760048052
Description  6x RJ45 10/100BaseT(X), 2 * SC Multi-mode 100FX
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

7760048052 Datasheet(HTML) 1 Page - Weidmuller

  7760048052 Datasheet HTML 1Page - Weidmuller 7760048052 Datasheet HTML 2Page - Weidmuller 7760048052 Datasheet HTML 3Page - Weidmuller 7760048052 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data sheet
 
 
Creation date November 4, 2021 1:35:47 AM CET
 
Catalogue status 22.10.2021 / We reserve the right to make technical changes.
1
IES21-SW6/2SC
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
 
IES21 series industrial Ethernet switches are managed
plug-and-play switches for fast Ethernet with rugged
metal housing and IP40 protection level. This series
supports various network managing functions including
VLAN, QoS, SNMP, RMON, Flow Control, Port Mirroring,
Alarm, etc. The combination of 100M copper ports and
fiber ports will meet different industrial requirements.
• Compact housing
• 4 or 16 RJ45 100M copper ports, 1 to 3 SM/MM fiber
ports
• Redundant power inputs: 24/48VDC(18~72VDC),
24/48VAC(18~50VAC)
• Operating temperature range:-40°C...+85°C
General ordering data
 
Version
6x RJ45 10/100BaseT(X), 2 * SC Multi-mode
100FX,Din-Rail(wall) mounting products,
Managed IE Switch
Order No.
7760048052
Type
IES21-SW6/2SC
GTIN (EAN)
6944169638435
Qty.
1 pc(s).
Local product
Only available in certain countries
 


Similar Part No. - 7760048052

ManufacturerPart #DatasheetDescription
logo
Weidmuller
7760048050 WEIDMULLER-7760048050 Datasheet
73Kb / 4P
   8x RJ45 10/100BaseT(X),Din-Rail(wall) mounting products
November 4, 2021
7760048051 WEIDMULLER-7760048051 Datasheet
74Kb / 4P
   6x RJ45 10/100BaseT(X), 3 * SC Multi-mode,Din-Rail(wall) mounting products
November 4, 2021
7760048056 WEIDMULLER-7760048056 Datasheet
59Kb / 4P
   14 * RJ45 10/100BaseT(X), 2 * SC Multi-mode 100FX
November 4, 2021
More results

Similar Description - 7760048052

ManufacturerPart #DatasheetDescription
logo
Weidmuller
7760048016 WEIDMULLER-7760048016 Datasheet
56Kb / 3P
   6x RJ45 10/100BaseT(X), 2 * SC Multi-mode 100FX
November 4, 2021
7760048017 WEIDMULLER-7760048017 Datasheet
56Kb / 3P
   6x RJ45 10/100BaseT(X), 2 * SC Single mode 100FX
November 4, 2021
7760048056 WEIDMULLER-7760048056 Datasheet
59Kb / 4P
   14 * RJ45 10/100BaseT(X), 2 * SC Multi-mode 100FX
November 4, 2021
7760048085 WEIDMULLER-7760048085 Datasheet
78Kb / 4P
   14 * RJ45 10/100BaseT(X), 2 * SC Multi-mode 100FX
November 4, 2021
7760048051 WEIDMULLER-7760048051 Datasheet
74Kb / 4P
   6x RJ45 10/100BaseT(X), 3 * SC Multi-mode,Din-Rail(wall) mounting products
November 4, 2021
7760048143 WEIDMULLER-7760048143 Datasheet
65Kb / 3P
   1 * RJ45 10/100BaseT(X), 1 * SC Single-mode
November 4, 2021
7760048141 WEIDMULLER-7760048141 Datasheet
65Kb / 3P
   1 * RJ45 10/100BaseT(X), 1 * SC Single mode
November 4, 2021
7760048142 WEIDMULLER-7760048142 Datasheet
54Kb / 3P
   1 * RJ45 10/100BaseT(X), 1 * ST Multi-mode
November 4, 2021
7760048011 WEIDMULLER-7760048011 Datasheet
67Kb / 3P
   4 * RJ45 10/100BaseT(X), 1 * SC Multi-mode,Din-Rail(wall) mounting products
November 4, 2021
7760048140 WEIDMULLER-7760048140 Datasheet
65Kb / 3P
   1 * RJ45 10/100BaseT(X), 1 * SC Multi-mode,Din-Rail(wall) mounting products
November 4, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com