Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7760048052 Datasheet(PDF) 3 Page - Weidmuller

Part # 7760048052
Description  6x RJ45 10/100BaseT(X), 2 * SC Multi-mode 100FX
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

7760048052 Datasheet(HTML) 3 Page - Weidmuller

  7760048052 Datasheet HTML 1Page - Weidmuller 7760048052 Datasheet HTML 2Page - Weidmuller 7760048052 Datasheet HTML 3Page - Weidmuller 7760048052 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data sheet
 
IES21-SW6/2SC
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date November 4, 2021 1:35:47 AM CET
 
Catalogue status 22.10.2021 / We reserve the right to make technical changes.
3
Power Supply
 
Connection type
5 pole 5.08mm pitch
terminal block
  Input voltage
24V DC/AC (18~72
VDC / 18~50 VAC)
Overload protection
Yes
  Power consumption
≤6.6 W
Redundant power supply
Yes
  Reverse polarity protection
Yes
 
Technology
 
Data security
IEEE 802.1X, HTTPS,
SSL, SSH, SNMP v3, port
security (MAC address),
TACACS+, access control
list (ACL)
  Diagnosis
IP/MAC conflict detection,
LED (power supply, ring
and port), RMON, Link
Layer Discovery Protocol
(LLDP IEEE802.1AB), port
mirroring, syslog, virtual
cable test (VCT), link check
Flow control
IEEE 802.3x flow control
  Management
Web interface, SNMP v1/
v2/v3, W-NetManager, W-
NetExplorer
Multicast
IGMP Snooping, GMRP,
static multicast(MAC
address)
  Network quality control
QoS(IEEE802.1p/1Q),
TOS(Type of sevice)/
DiffServ(Differentiated
service), port speed limit,
broadcast limiter, flow
control(IEEE802.3x), SNTP
Network structure
star, ring, line
  Redundancy
W-Ring (self-recovery
time<20 ms), W-Ring+,
MSTP(IEEE802.1s), STP/
RSTP, Link Aggregation
Control Protocol
(IEEE802.3ad), power
supply
Setting
Console interface, CLI,
Web interface, Telnet,
DHCP Option 82, DHCP
client, FTP/TFTP
  VLAN
VLAN (IEEE802.1Q),
PVLAN, GVRP
 
Environmental conditions
 
Humidity
5 to 95 % (non-
condensing)
   
 
Guarantee
 
Time interval
5 years
   
 
Interfaces
 
Alarm contact
3 pole 5.08mm pitch
terminal block, 220VDC
Max, 2A Max, 60W Max
  Console port interface
Mini USB
LED indicator
Operation LED: Run, Alarm
LED: Alarm, Power LED:
PWR1, PWR2, Ring LED:
Ring, Port LED: Link/ACT,
Speed (RJ45 port)
  Number of ports
6x RJ45 10/100BaseT(X),
2 * SC Multi-mode 100FX
 


Similar Part No. - 7760048052

ManufacturerPart #DatasheetDescription
logo
Weidmuller
7760048050 WEIDMULLER-7760048050 Datasheet
73Kb / 4P
   8x RJ45 10/100BaseT(X),Din-Rail(wall) mounting products
November 4, 2021
7760048051 WEIDMULLER-7760048051 Datasheet
74Kb / 4P
   6x RJ45 10/100BaseT(X), 3 * SC Multi-mode,Din-Rail(wall) mounting products
November 4, 2021
7760048056 WEIDMULLER-7760048056 Datasheet
59Kb / 4P
   14 * RJ45 10/100BaseT(X), 2 * SC Multi-mode 100FX
November 4, 2021
More results

Similar Description - 7760048052

ManufacturerPart #DatasheetDescription
logo
Weidmuller
7760048016 WEIDMULLER-7760048016 Datasheet
56Kb / 3P
   6x RJ45 10/100BaseT(X), 2 * SC Multi-mode 100FX
November 4, 2021
7760048017 WEIDMULLER-7760048017 Datasheet
56Kb / 3P
   6x RJ45 10/100BaseT(X), 2 * SC Single mode 100FX
November 4, 2021
7760048056 WEIDMULLER-7760048056 Datasheet
59Kb / 4P
   14 * RJ45 10/100BaseT(X), 2 * SC Multi-mode 100FX
November 4, 2021
7760048085 WEIDMULLER-7760048085 Datasheet
78Kb / 4P
   14 * RJ45 10/100BaseT(X), 2 * SC Multi-mode 100FX
November 4, 2021
7760048051 WEIDMULLER-7760048051 Datasheet
74Kb / 4P
   6x RJ45 10/100BaseT(X), 3 * SC Multi-mode,Din-Rail(wall) mounting products
November 4, 2021
7760048143 WEIDMULLER-7760048143 Datasheet
65Kb / 3P
   1 * RJ45 10/100BaseT(X), 1 * SC Single-mode
November 4, 2021
7760048141 WEIDMULLER-7760048141 Datasheet
65Kb / 3P
   1 * RJ45 10/100BaseT(X), 1 * SC Single mode
November 4, 2021
7760048142 WEIDMULLER-7760048142 Datasheet
54Kb / 3P
   1 * RJ45 10/100BaseT(X), 1 * ST Multi-mode
November 4, 2021
7760048011 WEIDMULLER-7760048011 Datasheet
67Kb / 3P
   4 * RJ45 10/100BaseT(X), 1 * SC Multi-mode,Din-Rail(wall) mounting products
November 4, 2021
7760048140 WEIDMULLER-7760048140 Datasheet
65Kb / 3P
   1 * RJ45 10/100BaseT(X), 1 * SC Multi-mode,Din-Rail(wall) mounting products
November 4, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com