Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1085260 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1085260
Description  Thermal transfer printer - THERMOMARK ROLL 2.0
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1085260 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1085260 Datasheet HTML 1Page - PHOENIX CONTACT 1085260 Datasheet HTML 2Page - PHOENIX CONTACT 1085260 Datasheet HTML 3Page - PHOENIX CONTACT 1085260 Datasheet HTML 4Page - PHOENIX CONTACT 1085260 Datasheet HTML 5Page - PHOENIX CONTACT 1085260 Datasheet HTML 6Page - PHOENIX CONTACT 1085260 Datasheet HTML 7Page - PHOENIX CONTACT 1085260 Datasheet HTML 8Page - PHOENIX CONTACT 1085260 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
https://www.phoenixcontact.com/pi/products/1085260
09/12/2020   Page 1 / 9
Thermal transfer printer - THERMOMARK ROLL 2.0 - 1085260
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Thermal transfer printer for material off the roll, incl. Euro/US power cable and USB cable. Support CD
includes user manuals in several languages, links to firmware, drivers, and planning and marking software.
Operating instructions printed in German and English. 1 roll of labels EML (20x8)R white = 1000 labels, ink
ribbon = 50 m
Product Description
The THERMOMARK ROLL 2.0 prints markers in roll format for top quality terminal, wire, cable, equipment, and plant marking applications. You can
easily create high-quality printed labels and markers.
Your advantages
 The THERMOMARK ROLL 2.0 prints marking material in roll format. For applications in terminal, wire, cable, equipment, and plant marking.
 Printing of punched and continuous adhesive labels, insert labels, and shrink sleeves
 Fast, high-quality, and durable printing
 Easy and intuitive operation via touch color display
 Easy and intuitive operation via touch color display
 Easy to control with the PROJECT complete software
 USB and Ethernet connections
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626834764
Technical data
General
Interface
10/100 Mbps Ethernet
USB 2.0
Weight
3.8 kg
Dimensions
Length
320 mm
Height
189 mm


Similar Part No. - 1085260

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1085260 PHOENIX-1085260 Datasheet
449Kb / 14P
   WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results

Similar Description - 1085260

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1184146 PHOENIX-1184146 Datasheet
207Kb / 15P
   Thermal transfer printer - THERMOMARK GO.K
09/12/2020
1090747 PHOENIX-1090747 Datasheet
310Kb / 26P
   Thermal transfer printer - THERMOMARK GO
5148888 PHOENIX-5148888 Datasheet
445Kb / 12P
   Thermal transfer printer - THERMOMARK PRIME
02/04/2022
1221548 PHOENIX-1221548 Datasheet
305Kb / 25P
   Thermal transfer printer set - THERMOMARK GO SET
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER
TTDS-256 TEC-TTDS-256 Datasheet
616Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER
TTDS-275 TEC-TTDS-275 Datasheet
356Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER (300dpi)
T2212 TEC-T2212 Datasheet
356Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER (300dpi)
logo
PANDUIT CORP.
TDP43MY PANDUIT-TDP43MY Datasheet
72Kb / 1P
   TDP43MY Thermal Transfer Desktop Printer and Accessories
logo
PHOENIX CONTACT
1014401 PHOENIX-1014401 Datasheet
41Kb / 2P
   Label dispenser - THERMOMARK ROLL X1 -DISPENSER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com