Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1085260 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1085260
Description  Thermal transfer printer - THERMOMARK ROLL 2.0
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1085260 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1085260 Datasheet HTML 1Page - PHOENIX CONTACT 1085260 Datasheet HTML 2Page - PHOENIX CONTACT 1085260 Datasheet HTML 3Page - PHOENIX CONTACT 1085260 Datasheet HTML 4Page - PHOENIX CONTACT 1085260 Datasheet HTML 5Page - PHOENIX CONTACT 1085260 Datasheet HTML 6Page - PHOENIX CONTACT 1085260 Datasheet HTML 7Page - PHOENIX CONTACT 1085260 Datasheet HTML 8Page - PHOENIX CONTACT 1085260 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
https://www.phoenixcontact.com/pi/products/1085260
09/12/2020   Page 5 / 9
Thermal transfer printer - THERMOMARK ROLL 2.0 - 1085260
Accessories
Ink ribbon - THERMOMARK-RIBBON 110-WMSU - 0801358
Ink ribbon, for roll printer for printing product groups WMS... and WMS-2 HF..., width: 110 mm, color: black
 
 
Ink ribbon - THERMOMARK-RIBBON 110-WMSU WH - 0801359
Ink ribbon, for roll printer for printing product group WMS... (black), width: 110 mm, color: white
 
 
Ink ribbon - THERMOMARK-RIBBON 64-WMSU - 0801360
Ink ribbon, for roll printer for printing product groups WMS... and WMS-2 HF..., width: 64 mm, color: black
 
 
Ink ribbon - THERMOMARK-RIBBON 64-WMSU WH - 0801361
Ink ribbon, for roll printer for printing product group WMS... (black), width: 64 mm, color: white
 
 
Ink ribbon - THERMOMARK-RIBBON 110-WMTB HF - 5148007
Ink ribbon, for roll printer for printing product groups WMTB HF..., WMS-2 HF..., TMT..., and EMT..., width: 110 mm,
color: black
 
 
Mounting material
Replacement part - TC/TR-PACKAGE WITH FOAM - 0801804
Replacement part
 
 


Similar Part No. - 1085260

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1085260 PHOENIX-1085260 Datasheet
449Kb / 14P
   WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results

Similar Description - 1085260

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1184146 PHOENIX-1184146 Datasheet
207Kb / 15P
   Thermal transfer printer - THERMOMARK GO.K
09/12/2020
1090747 PHOENIX-1090747 Datasheet
310Kb / 26P
   Thermal transfer printer - THERMOMARK GO
5148888 PHOENIX-5148888 Datasheet
445Kb / 12P
   Thermal transfer printer - THERMOMARK PRIME
02/04/2022
1221548 PHOENIX-1221548 Datasheet
305Kb / 25P
   Thermal transfer printer set - THERMOMARK GO SET
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER
TTDS-256 TEC-TTDS-256 Datasheet
616Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER
TTDS-275 TEC-TTDS-275 Datasheet
356Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER (300dpi)
T2212 TEC-T2212 Datasheet
356Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER (300dpi)
logo
PANDUIT CORP.
TDP43MY PANDUIT-TDP43MY Datasheet
72Kb / 1P
   TDP43MY Thermal Transfer Desktop Printer and Accessories
logo
PHOENIX CONTACT
1014401 PHOENIX-1014401 Datasheet
41Kb / 2P
   Label dispenser - THERMOMARK ROLL X1 -DISPENSER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com