Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBA-21R+ Datasheet(PDF) 2 Page - Ultralife Corporation.

Part # MBA-21R+
Description  Radio manufacturer independent
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULTRALIFE [Ultralife Corporation.]
Direct Link  https://www.ultralifecorporation.com/
Logo ULTRALIFE - Ultralife Corporation.

MBA-21R+ Datasheet(HTML) 2 Page - Ultralife Corporation.

  MBA-21R+ Datasheet HTML 1Page - Ultralife Corporation. MBA-21R+ Datasheet HTML 2Page - Ultralife Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBA-21R+TechnicalSpecifications
Size (H x W x D - inches)
2.5 x 8.1 x 3.3
Weight
2.5 lbs.
Frequency Range
30-512 MHz full-spectrum
Input/Output Impedance
50 ohm
RF Input
5 watts (nominal)
RF Output (FM)
20 watts
RF Output (AM)
20 watts PEP/110-512 MHz
RX Path Insertion Loss
< 1.5 dB
RX Path VSWR
< 2:1
Bypass Path Insertion Loss
< 1 dB
Power
9-36 VDC (22-36 single battery operation)
Power @ Transmit
~65 watts
Power @ Receive
< 3.0 watts
SINCGARS/HAVEQUICK
compatible
RF Conector RAD/ANT
TNC/TNC female
Operating Temperature
-40° to +60° C
Weather Resistant
MIL-STD 810F
submersible 1M for 30 mins.
EMI
MIL-STD 461E
Finish
Black, anodized
LowNoiseAmplifier(LNA)
Frequency
240-270 MHz
Gain
10 dB
Noise Figure
<3 dB
1 dB Compression
22 dBm
Out of Band Rejection
50 dB - 30-220 MHz & 290-512 MHz
PRELIMINARY DATA
20-Watt 30-512 MHz Amplifier
MBA-21R+
Newark, New York | 315-332-7100 | Fax: 315-331-7800
©2010 Ultralife Corporation • www.ultralifecorp.com • all specifications subject to change without notice
The information contained herein is for reference only and does not constitute a warranty of performance • 10 JUN 2010 Rev A


Similar Part No. - MBA-21R+

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MBA-2060 TDK-MBA-2060 Datasheet
81Kb / 2P
Metrology Biconical Antenna
logo
Mini-Circuits
MBA-25L MINI-MBA-25L Datasheet
341Kb / 2P
Frequency Mixer
MBA-25L++ MINI-MBA-25L+ Datasheet
341Kb / 2P
Frequency Mixer
More results

Similar Description - MBA-21R+

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N3107 NJSEMI-2N3107 Datasheet
80Kb / 1P
SI NPN LO-PWR BJT MANUFACTURER
2N3117 NJSEMI-2N3117 Datasheet
96Kb / 1P
SI NPN LO-PWR BJT MANUFACTURER
2N3119 NJSEMI-2N3119 Datasheet
97Kb / 1P
SI NPN POWER HF BJI MANUFACTURER
2N3227 NJSEMI-2N3227 Datasheet
88Kb / 1P
SI NPN LP HF BJT MANUFACTURER
2N3340 NJSEMI-2N3340 Datasheet
90Kb / 1P
SI NPN LO-PWR BJT MANUFACTURER
2N3435 NJSEMI-2N3435 Datasheet
80Kb / 1P
SI NPN POWER HF BJT MANUFACTURER
2N3486A NJSEMI-2N3486A Datasheet
87Kb / 1P
SI PNP LP HF BJT MANUFACTURER
2N3503 NJSEMI-2N3503 Datasheet
104Kb / 1P
SI PNP LP HF BJT MANUFACTURER
2N3509 NJSEMI-2N3509 Datasheet
121Kb / 1P
SI NPN LP HF BJT MANUFACTURER
logo
E&E Magnetic Products L...
824-00347R EEMAGNETIC-824-00347R Datasheet
167Kb / 2P
Designed for top 10Gig PHY Manufacturer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com