Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRIS-G6624 Datasheet(PDF) 7 Page - International Rectifier

Part # IRIS-G6624
Description  INTEGRATED SWITCHER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRIS-G6624 Datasheet(HTML) 7 Page - International Rectifier

  IRIS-G6624 Datasheet HTML 1Page - International Rectifier IRIS-G6624 Datasheet HTML 2Page - International Rectifier IRIS-G6624 Datasheet HTML 3Page - International Rectifier IRIS-G6624 Datasheet HTML 4Page - International Rectifier IRIS-G6624 Datasheet HTML 5Page - International Rectifier IRIS-G6624 Datasheet HTML 6Page - International Rectifier IRIS-G6624 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.irf.com
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC FAX: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Case Outline
Material of Pin : Cu
Treatment of Pin : Ni plating + solder dip
IRIS-G6624
I
I
I
IR
R
R
RI
I
I
IS
S
S
S
7
7
7
7
.
.
.
.
0
0
0
0
7
7
7
7
.
.
.
.
0
0
0
0
d
d
d
d
n
n
n
n
e
e
e
e
-
-
-
-
R
R
R
R
)
)
)
)
1
1
1
1
R
R
R
R
(
(
(
(
-
-
-
-
2
2
2
2
6
6
6
6
.
.
.
.
0
0
0
0
±
±
±
±
8
8
8
8
0
0
0
0
.
.
.
.
5
5
5
5
1
1
1
1
.
.
.
.
0
0
0
0
-
-
-
-
2
2
2
2
.
.
.
.
0
0
0
0
+
+
+
+
5
5
5
5
4
4
4
4
.
.
.
.
0
0
0
0
1
1
1
1
.
.
.
.
0
0
0
0
±
±
±
±
6
6
6
6
.
.
.
.
2
2
2
2
2
2
2
2
.
.
.
.
0
0
0
0
±
±
±
±
2
2
2
2
.
.
.
.
4
4
4
4
2
2
2
2
.
.
.
.
0
0
0
0
±
±
±
±
8
8
8
8
.
.
.
.
2
2
2
2
2
2
2
2
.
.
.
.
0
0
0
0
±
±
±
±
0
0
0
0
1
1
1
1
5
5
5
5
4
4
4
4
3
3
3
3
2
2
2
2
1
1
1
1
1
1
1
1
.
.
.
.
0
0
0
0
-
-
-
-
2
2
2
2
.
.
.
.
0
0
0
0
+
+
+
+
5
5
5
5
8
8
8
8
.
.
.
.
0
0
0
0
)
)
)
)
8
8
8
8
.
.
.
.
6
6
6
6
(
(
(
(
=
=
=
=
1
1
1
1
.
.
.
.
0
0
0
0
±
±
±
±
7
7
7
7
.
.
.
.
1
1
1
1
p
p
p
p
x
x
x
x
4
4
4
4
5
5
5
5
1
1
1
1
.
.
.
.
0
0
0
0
±
±
±
±
4
4
4
4
9
9
9
9
.
.
.
.
0
0
0
0
2
2
2
2
.
.
.
.
0
0
0
0
±
±
±
±
2
2
2
2
.
.
.
.
3
3
3
3
φ
φ
φ
φ
a:Type Number G6624
b:Lot Number
1st letter:The last digit of year
2nd letter:Month
1 to 9 for Jan. to Sept.,
O for Oct. N for Nov. D for Dec.
3rd & 4th letter:Day
Arabic Numerals
5th letter : Registration Symbol
Weight : Approx. 2.3g
Dimensions in mm
DWG.No.:TG3A-1128
a
b


Similar Part No. - IRIS-G6624

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS-G6623 IRF-IRIS-G6623 Datasheet
280Kb / 7P
INTEGRATED SWITCHER
More results

Similar Description - IRIS-G6624

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS-G5624A IRF-IRIS-G5624A_1 Datasheet
269Kb / 7P
INTEGRATED SWITCHER
IRIS-G6351S IRF-IRIS-G6351S Datasheet
272Kb / 7P
INTEGRATED SWITCHER
IRIS-G6623 IRF-IRIS-G6623 Datasheet
280Kb / 7P
INTEGRATED SWITCHER
IRISA6331 IRF-IRISA6331 Datasheet
379Kb / 7P
INTEGRATED SWITCHER
IRIS-F6428S IRF-IRIS-F6428S Datasheet
278Kb / 7P
INTEGRATED SWITCHER
IRISG5624A IRF-IRISG5624A Datasheet
271Kb / 7P
INTEGRATED SWITCHER
IRIS4015 IRF-IRIS4015 Datasheet
63Kb / 6P
INTEGRATED SWITCHER
IRIS4013 IRF-IRIS4013 Datasheet
66Kb / 6P
INTEGRATED SWITCHER
IRIS4007 IRF-IRIS4007 Datasheet
62Kb / 6P
INTEGRATED SWITCHER
IRISA6131 IRF-IRISA6131 Datasheet
396Kb / 7P
INTEGRATED SWITCHER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com