Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRIS-G6624 Datasheet(PDF) 2 Page - International Rectifier

Part # IRIS-G6624
Description  INTEGRATED SWITCHER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRIS-G6624 Datasheet(HTML) 2 Page - International Rectifier

  IRIS-G6624 Datasheet HTML 1Page - International Rectifier IRIS-G6624 Datasheet HTML 2Page - International Rectifier IRIS-G6624 Datasheet HTML 3Page - International Rectifier IRIS-G6624 Datasheet HTML 4Page - International Rectifier IRIS-G6624 Datasheet HTML 5Page - International Rectifier IRIS-G6624 Datasheet HTML 6Page - International Rectifier IRIS-G6624 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.irf.com
Absolute Maximum Ratings (Ta=25ºC)
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are
absolute voltages referenced to terminals stated, all currents are defined positive into any lead. The thermal resistance and power
dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Terminals Max. Ratings
Units
Note
IDpeak
Drain Current
*1
1-2
14.4
A
Single Pulse
V2-3=0.78V
Ta=-20~+125℃
VDD=99V, L=20mH
IL peak=2.3A
Vin
Input voltage for control part
4-3
35
V
Vth
O.C.P/F.B Pin voltage
5-3
6
V
26
W
With infintite heatsink
1.5
W
Without heatsink
Power dissipation for control part
(Control IC) *4
Internal frame temperature
Refer to recommended
in operation
operating temperature
Top
Operating ambient temperature
-
-20 ~ +125
Tstg
Storage temperature
-
-40 ~ +125
Tch
Channel temperature
-
150
Single Pulse
PD1
Power dissipation for MOSFET *3
1-2
A
Single pulse avalanche energy *2
1-2
EAS
67
mJ
Maximum switching current *5
1-2
IDMAX
14.4
Specified by
Vin×Iin
-
TF
-20 ~ +125
4-3
PD2
0.8
W
V2-3
Fig.1
IRIS-G6624
*1 Refer to MOS FET A.S.O curve
*2 MOS FET Tch-EAS curve
*3 Refer to MOS FET Ta-PD1 curve
*4 Refer to TF-PD2 curve for Control IC (See page 5)
*5 Maximum switching current.
The maximum switching current is the Drain current determined by the drive voltage of the IC and
threshold voltage (Vth) of MOS FET. Therefore, in the event that voltage drop occurs between Pin 2 and
Pin 3 due to patterning, the maximum switching current decreases as shown by V
2-3 in Fig.1
Accordingly please use this device within the decrease value, referring to the derating
curve of the maximum switching current.


Similar Part No. - IRIS-G6624

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS-G6623 IRF-IRIS-G6623 Datasheet
280Kb / 7P
INTEGRATED SWITCHER
More results

Similar Description - IRIS-G6624

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS-G5624A IRF-IRIS-G5624A_1 Datasheet
269Kb / 7P
INTEGRATED SWITCHER
IRIS-G6351S IRF-IRIS-G6351S Datasheet
272Kb / 7P
INTEGRATED SWITCHER
IRIS-G6623 IRF-IRIS-G6623 Datasheet
280Kb / 7P
INTEGRATED SWITCHER
IRISA6331 IRF-IRISA6331 Datasheet
379Kb / 7P
INTEGRATED SWITCHER
IRIS-F6428S IRF-IRIS-F6428S Datasheet
278Kb / 7P
INTEGRATED SWITCHER
IRISG5624A IRF-IRISG5624A Datasheet
271Kb / 7P
INTEGRATED SWITCHER
IRIS4015 IRF-IRIS4015 Datasheet
63Kb / 6P
INTEGRATED SWITCHER
IRIS4013 IRF-IRIS4013 Datasheet
66Kb / 6P
INTEGRATED SWITCHER
IRIS4007 IRF-IRIS4007 Datasheet
62Kb / 6P
INTEGRATED SWITCHER
IRISA6131 IRF-IRISA6131 Datasheet
396Kb / 7P
INTEGRATED SWITCHER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com