Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-305 Datasheet(PDF) 2 Page - Ultralife Corporation.

Part # A-305
Description  50-Watt Multiband Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULTRALIFE [Ultralife Corporation.]
Direct Link  https://www.ultralifecorporation.com/
Logo ULTRALIFE - Ultralife Corporation.

A-305 Datasheet(HTML) 2 Page - Ultralife Corporation.

  A-305 Datasheet HTML 1Page - Ultralife Corporation. A-305 Datasheet HTML 2Page - Ultralife Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TechnicalSpecifications:
Part No.
A-305 & A-350
Size (H x W x D - inches)
A-305
A-350
10.12 x 6.75 x 4.5
10.12 x 6.75 x 2.78
Weight (with cage assembly)
<10 lbs.
Frequency Range
30-512 MHz
Radio Charging Pocket
A-305 only (12.6 V Lithium Ion battery)
RF Input
3-8 watts (5 watts nominal)
RF Output (FM)
50 watts
RF Output (AM)
50 watts PEP 110-512 MHz
RX Path Insertion Loss
<1.5 dB
RX Path VSWR
<2:1
Bypass Path Insertion Loss
<1.5 dB
AM Distortion
<15% 110-512 MHz
MTBF
15,000 hours
DC Power
10-36 VDC
DC Input Power - Transmit
420 watts (max.)
DC Input Power - Receive
20 watts
RF Connector RAD/ANT
TNC/BNC (female)
Operating Temperature
-40° to +60° C
Duty Cycle
33% @ 60° C = 50 watts
Weather-Resistant
Yes
Finish
Black, Anodized
Indicators:
Power ON/OFF
Power Level Switch
Transmit Active
VSWR Fault
Over Current fault
RF Input Overload
Low RF Output
Over Temperature
competitor’s filtered
harmonic noise level
AMTI’s filtered
harmonic noise level
With AMTI’s exceptional harmonic filtering
and auto-sensing technology, you will not
inadvertently jam other friendly nets.
50-Watt Multiband Amplifiers
A-305 & A-350
Newark, New York | 315-332-7100 | Fax: 315-331-7800
©2010 Ultralife Corporation • www.ultralifecorp.com • all specifications subject to change without notice
The information contained herein is for reference only and does not constitute a warranty of performance • 25 MAR 2010 Rev A


Similar Part No. - A-305

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
A-30.000-20 RALTRON-A-30.000-20 Datasheet
89Kb / 1P
MICROPROCESSOR CRYSTAL UNIT
logo
List of Unclassifed Man...
A-3001E ETC1-A-3001E Datasheet
76Kb / 1P
SINGLE DIGIT DISPLAY
logo
PARA LIGHT ELECTRONICS ...
A-3001E PARALIGHT-A-3001E Datasheet
212Kb / 11P
3.00 INCH SINGLE DIGIT DISPLAY
logo
List of Unclassifed Man...
A-3001G ETC1-A-3001G Datasheet
76Kb / 1P
SINGLE DIGIT DISPLAY
logo
PARA LIGHT ELECTRONICS ...
A-3001G PARALIGHT-A-3001G Datasheet
211Kb / 11P
3.00 INCH SINGLE DIGIT DISPLAY
More results

Similar Description - A-305

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TDA2002 FAIRCHILD-TDA2002 Datasheet
374Kb / 9P
8 WATT AUDIO POWER AMPLIFIERS
logo
Harris Corporation
ANVRC-110 HARRIS-ANVRC-110 Datasheet
216Kb / 2P
Dual 50-Watt SINCGARS Compatible multiband Vehicular System
RF-300M-V150 HARRIS-RF-300M-V150 Datasheet
332Kb / 2P
50-watt multiband vehicular amplifier adapter
RF-7800M-AD250 HARRIS-RF-7800M-AD250 Datasheet
996Kb / 2P
AN/PRC-117G DUAL CHANNEL ADAPTER PLATE FOR AN/VRC-103 50-WATT MULTIBAND VEHICULAR AMPLIFIER ADAPTER
RF-7800M-V150 HARRIS-RF-7800M-V150 Datasheet
2Mb / 2P
50-WATT MULTIBAND VEHICULAR AMPLIFIER ADAPTER
logo
Raltron Electronics Cor...
RPA-MB-P-56-IPEX-30-G RALTRON-RPA-MB-P-56-IPEX-30-G Datasheet
138Kb / 2P
MULTIBAND ANTENNA
RST-MB-P-157-SMA-G RALTRON-RST-MB-P-157-SMA-G Datasheet
174Kb / 2P
MULTIBAND ANTENNA
logo
Ultralife Corporation.
A-3075 ULTRALIFE-A-3075 Datasheet
1Mb / 2P
75-Watt Multiband Amplifiers
24 MAR 2010 Rev A
A-3575 ULTRALIFE-A-3575 Datasheet
774Kb / 2P
75-Watt Multiband Amplifier
5/30/14
logo
Raltron Electronics Cor...
RDM-GPGLBD-A-110-N-W-G RALTRON-RDM-GPGLBD-A-110-N-W-G Datasheet
285Kb / 5P
MULTIBAND ANTENNA
Rev B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com