Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43212107 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 43212107
Description  Magazine - BLUEMARK MAG WM-M (29X8)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43212107 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  43212107 Datasheet HTML 1Page - PHOENIX CONTACT 43212107 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0802743
09/11/2020   Page 1 / 2
Magazine - BLUEMARK MAG WM-M (29X8) - 0802743
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Magazine, width: 76 mm, color: white
Your advantages
 In conjunction with the BLUEMARK CLED printer, the magazine for accommodating WMTB-AL... ensures printing with a high degree of
positioning accuracy.
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356845823
Technical data
Dimensions
Length (b)
120 mm
Width (a)
76 mm
General
Color
white
Material
POM
Classifications
eCl@ss
eCl@ss 10.0.1
19149290
eCl@ss 4.0
24190200
eCl@ss 4.1
24190200
eCl@ss 5.0
19029100
eCl@ss 5.1
19029100
eCl@ss 6.0
19140100
eCl@ss 7.0
19140190
eCl@ss 8.0
19149290
eCl@ss 9.0
19149290


Similar Part No. - 43212107

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
43212107 PHOENIX-43212107 Datasheet
43Kb / 2P
Accessories - CMS-GRAV-WZ/ER
43212107 PHOENIX-43212107 Datasheet
50Kb / 2P
Accessories - P1 ENGRAVING SPINDLE
09/12/2020
43212107 PHOENIX-43212107 Datasheet
56Kb / 3P
Disposable pen, non-refillable - P-PEN
09/11/2020
43212107 PHOENIX-43212107 Datasheet
48Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110-WMTB HF
09/12/2020
43212107 PHOENIX-43212107 Datasheet
46Kb / 2P
Magazine insert - CMS-P1-M/WAGO WSB 4
09/12/2020
More results

Similar Description - 43212107

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0802740 PHOENIX-0802740 Datasheet
48Kb / 2P
Magazine - BLUEMARK MAG EM-M (60X30)
09/11/2020
0803335 PHOENIX-0803335 Datasheet
42Kb / 1P
Magazine - BLUEMARK MAG UM-TM
5146118 PHOENIX-5146118 Datasheet
44Kb / 2P
Magazine - P1 UC-MAG 5
5146105 PHOENIX-5146105 Datasheet
44Kb / 2P
Magazine - P1 UC-MAG 4
5146121 PHOENIX-5146121 Datasheet
44Kb / 2P
Magazine - P1 UC-MAG 6
5146082 PHOENIX-5146082 Datasheet
44Kb / 2P
Magazine - P1 UC-MAG 2
5146095 PHOENIX-5146095 Datasheet
44Kb / 2P
Magazine - P1 UC-MAG 3
1200103 PHOENIX-1200103 Datasheet
40Kb / 1P
Magazine - CRIMPFOX 4 IN 1/MAG
5145711 PHOENIX-5145711 Datasheet
51Kb / 2P
Magazine - CMS-P1-M/GPE ENGRAVING
09/12/2020
5144958 PHOENIX-5144958 Datasheet
48Kb / 2P
Magazine insert - CMS-P1-M/MURR 401
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com