Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0801671 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0801671
Description  Blind sleeve - CES-LRG-BK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801671 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0801671 Datasheet HTML 1Page - PHOENIX CONTACT 0801671 Datasheet HTML 2Page - PHOENIX CONTACT 0801671 Datasheet HTML 3Page - PHOENIX CONTACT 0801671 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/0801671
09/11/2020   Page 1 / 4
Blind sleeve - CES-LRG-BK - 0801671
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Large blind sleeve, material: NBR
Product Description
Blind sleeves seal feed-through sections that are not required in CES sealing frames
Key Commercial Data
Packing unit
10 pc
GTIN
GTIN
4046356674775
Technical data
Dimensions
Conductor sealing range
Blind sleeve
Length
53 mm
Width
39 mm
Height
17 mm
Ambient conditions
Degree of protection
IP54
IP65
Ambient temperature (operation)
-40 °C ... 125 °C (static)
General
Product description
Blind sleeves seal feed-through sections that are not required in CES
sealing frames
No. of conductors
0
Material
NBR
NBR
Color
black


Similar Part No. - 0801671

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801670 PHOENIX-0801670 Datasheet
236Kb / 6P
CES-SRG-BK - Blind sleeve
0801673 PHOENIX-0801673 Datasheet
69Kb / 4P
Cable sleeve - CES-STPG-GY-3
09/11/2020
0801676 PHOENIX-0801676 Datasheet
240Kb / 6P
CES-STPG-GY-6 - Cable sleeve
0801677 PHOENIX-0801677 Datasheet
240Kb / 6P
CES-STPG-GY-7 - Cable sleeve
0801679 PHOENIX-0801679 Datasheet
240Kb / 6P
CES-STPG-GY-8 - Cable sleeve
More results

Similar Description - 0801671

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801626 PHOENIX-0801626 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-18
09/11/2020
0801631 PHOENIX-0801631 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-20
09/11/2020
0801637 PHOENIX-0801637 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-22
09/11/2020
0801640 PHOENIX-0801640 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-25
09/11/2020
0801644 PHOENIX-0801644 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-27
09/11/2020
0801646 PHOENIX-0801646 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-28
09/11/2020
0801648 PHOENIX-0801648 Datasheet
69Kb / 3P
Cable sleeve - CES-LRG-BK-29
09/11/2020
0801650 PHOENIX-0801650 Datasheet
69Kb / 3P
Cable sleeve - CES-LRG-BK-30
09/11/2020
0801654 PHOENIX-0801654 Datasheet
69Kb / 3P
Cable sleeve - CES-LRG-BK-32
09/11/2020
0801634 PHOENIX-0801634 Datasheet
52Kb / 3P
Cable sleeve - CES-LRG-BK-21
12/11/2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com