Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPP24FMWBLY Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CPP24FMWBLY
Description  TX6A??10Gig??UTP Patch Cords with MaTriX Technology
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CPP24FMWBLY Datasheet(HTML) 1 Page - PANDUIT CORP.

  CPP24FMWBLY Datasheet HTML 1Page - PANDUIT CORP. CPP24FMWBLY Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
TX6 A 10Gig UTP Patch Cords
with MaTriX Technology
SPECIFICA TION SHEET
Interoperable
Compatible with components of the TX6A-SD 10Gig UTP Copper Cabling
System with MaTriX Technology (70 meter solution) for increased design flexibility
MaTriX Technology
Provides superior suppression of both PSANEXT and PSAACR-F; improves
the installation flexibility by allowing cable combing in existing pathways
without compromising performance
100% performance tested
Confidence that each patch cord delivers specified performance
Superior headroom warranty Provides the highest margins above the industry standard for both electrical and
alien crosstalk performance
Flexible cable design
Improved cable management in high density applications enabling
easier installations
Center de-embedded plug
Performs in center of ANSI/TIA-568-C.2 component range ensuring
interoperability and superior performance
Integral pair manager
Optimizes performance, consistency, and reliability by reducing untwist at plug
Patented tangle-free latch
Prevents snags and provides easy release, saving time and providing reliability
on frequent moves, adds, and changes
Slender strain relief boot
Provides easy access in high-density applications
Robust construction
Rated to 2500 mating cycles
Identification
Provides identification of performance level, length, and quality control
number for future traceability
Variety of cable colors
Meets individual length and color-coding requirements for greater
and lengths
system flexibility
Key version available
Color-specific keys with positive and negative keying features mechanically
and visually distinguish connections to prevent unintentional insertion into
unlike keyed or non-keyed ports, offering network design flexibility, versatility,
and accommodating discrete networks for enhanced security
Color bands (optional)
Snap onto cable, allowing additional color-coding options
RJ45 plug lock-in device
Secures plug into jack to prevent unauthorized removal of patch cord
(optional)
Category 6A/Class EA
Certified channel performance in a 4-connector configuration up to 100 meters and
channel performance:
exceeds the requirements of ANSI/TIA-568-C.2 Category 6A and ISO 11801 Class EA
standards for supporting 10GBASE-T transmission over twisted-pair cabling systems
as part of the Panduit ® TX6A10GigUTP Copper Cabling System
Headroom warranty:
Guaranteed performance beyond the standard when a complete end-to-end TX6A
10GigUTP Copper Cabling System is installed by a Panduit certified installer
Cable diameter:
0.275 in. (7.0mm) nominal
FCC and ANSI
Meets all applicable ANSI/TIA-968-A requirements; contacts plated with
compliance:
50 microinches of gold for superior performance
RoHS compliance:
Compliant
IEC compliance:
Meets IEC 60603-7
PoE compliance:
Meets requirements of IEEE 802.3af and IEEE 802.3at for PoE applications
UL rated:
UL 1863 approved
Flammability rating:
CM
key features and benefits
technical information
specifications
Category 6A/Class EA, UTP patch cords shall be constructed of
23 AWG stranded copper cable with an enhanced performance
modular plug on each end. Copper conductors in patch cable shall
be twisted in pairs and separated by a quadrant separator. All four
pairs shall be surrounded by matrix tape and a flame retardant
jacket. The patent pending matrix tape shall suppress alien crosstalk
and allow 10 Gb/s transmission. Patch cord cable shall be offered in
multiple colors and lengths for design flexibility with a strain relief
boot on each modular plug. All patch cords shall be compatible with
both T568A and T568B wiring schemes.
applications
The TX6A 10GigUTP Patch Cords with MaTriX Technology are a component of the TX6A 10GigUTP Copper
Cabling System. Interoperable and backward compatible, this end-to-end system provides design flexibility to
protect network investments well into the future. Key applications include:
• 10GBASE-T Ethernet
• Data center I/O consolidation
• Data center server virtualization
• Consolidation of network interconnects
• Back-bone aggregation
• Parallel processing and high speed computing
TX6A 10GigUTP Copper Cabling
System with MaTriX Technology
TX6A 10GigUTP Patch Cords
with MaTriX Technology
Foot lengths:
UTP6A*BU
Meter lengths:
UTP6A**MBU
Mini-Com ® TX6A 10GigUTP
Jack Module with MaTriX Split
Foil Technology
Jack module:
CJ6X88TG***
Shuttered
jack module:
CJD6X88TG***
TX6A 10GigUTP Copper Cable
with MaTriX Technology
(100 meter solution)
Plenum:
PUP6A04^-UG
Riser:
PUR6A04^-UG1
LSZH (60332-1):
PUL6A04‡-+G
LSZH (60332-3):
PUZ6A04‡-EG
CM:
PUC6A04‡-EG
TX6A 10GigUTP Copper Cable
with MaTriX Technology
(70 meter solution)
Plenum:
PUP6ASD04^-UG
Riser:
PUR6SDA04^-CG2
LSZH:
PUL6ASD04‡-EG
CM:
PUC6ASD04‡-EG
Mini-Com ® Angled Modular Patch Panels
24-port, 1 RU:
CPPA24FMWBLY
48-port, 2 RU:
CPPA48FMWBLY
72-port, 2 RU:
CPPLA72WBLY
Mini-Com ® Flat Modular Patch Panels
24-port, 1 RU:
CPP24FMWBLY
48-port, 1 RU:
CPP48HDWBLY
48-port, 2 RU:
CPP48FMWBLY
72-port, 2 RU:
CPP72FMWBLY
For additional modular patch panels reference
www.panduit.com
Tools and Accessories
Patch cord
removal tool:
PCRT1
Flashlight kit:
KPCRT1-FL
Patch cord
color band:
PCBAND^^-Q
Standard RJ45 plug
lock-in device:
PSL-DCPLX^^^
Recessed RJ45 plug
lock-in device:
PSLDCPLRX^^^
*For lengths 3 to 20 feet (increments of one foot) 20,
25, 30, 35, or 40 feet change the length designation
in part number to the desired length. For standard
cable colors other than Off White, add suffix
BL (Black), BU (Blue), GR (Green), RD (Red),
YL (Yellow), OR (Orange), or VL (Violet) at the end
of the part number. For example, the part number
for a blue 15 foot patch cord is UTP6A15BU.
**For lengths 1 to 10 meters (increments of one
meter) 1.5, 2.5, 15, or 20 meters, change the length
designation in part number to the desired length. For
standard cable colors other than Off White, add suffix
BL (Black), BU (Blue), GR (Green), RD (Red),
YL (Yellow), OR (Orange), or VL (Violet) after the
M in the part number. For example, the part number
for a blue 15 meter patch cord is UTP6A15MBU.
***To designate color, add suffix IW (Off White),
EI (Electric Ivory), WH (White), AW (Arctic White), IG
(International Gray), OR (Orange), RD (Red), BU (Blue),
GR (Green), YL (Yellow), or VL (Violet).
^To designate color, add suffix BU (Blue), WH (White),
YL (Yellow), or IG (International Gray).
1
Substitute PUR6A04^-CG for alternative
manufacturing location.
‡To designate color, add suffix BU (Blue) or
WH (White). For additional cable colors, contact
customer service.
+Add suffix E when ordering for countries in Europe,
Middle East, or Africa.
2
Substitute PUR6ASD04^-UG for alternative
manufacturing location.
^^To designate color, add suffix WH (White),
EI (Electric Ivory), IG (International Gray), BL (Black),
BU (Blue), RD (Red), YL (Yellow), GR (Green),
OR (Orange), or VL (Violet) before – Q in part
number. 25/package.
^^^For colors other than Red, add -BL (Black),
-BU (Blue), -GR (Green), -YL (Yellow), -OR (Orange),
-IW (International White), or -IG (International Gray)
to the end of the part number. 10/package. Add -C
for bulk packages of 100.
Contact customer service for keyed patch cords, bulk
packaged jack modules, and patch cords.


Similar Part No. - CPP24FMWBLY

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CPP24WBLY PANDUIT-CPP24WBLY Datasheet
735Kb / 3P
   Mini-Com짰 Modular Patch Panels with Faceplates
More results

Similar Description - CPP24FMWBLY

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
   TX5e UTP Patch Cords
DPA246X88TGY PANDUIT-DPA246X88TGY Datasheet
143Kb / 1P
   DP6A 10Gig UTP Patch Panels Component Labels for DP6A 10Gig UTP Patch Panels
CJS6X88TGY PANDUIT-CJS6X88TGY Datasheet
320Kb / 2P
   TX6A 10GIG SHIELDED JACK MODULE
UTP28CH25BL PANDUIT-UTP28CH25BL Datasheet
820Kb / 2P
   Category 5e Performance SD UTP Patch Cords
4/2014
PUFR6X04BU-UG PANDUIT-PUFR6X04BU-UG Datasheet
177Kb / 2P
   TX6A??10Gig??Shielded Copper Cable ??U/FTP
FZE10-10M1 PANDUIT-FZE10-10M1 Datasheet
685Kb / 1P
   Opti-Core 10Gig 50/125um (OM3/OM4) Patch Cords and Pigtails
logo
ITT Industries
IP67RJI45 ITT-IP67RJI45 Datasheet
50Kb / 1P
   Ethernet Patch Cords with connectors
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
logo
Bel Fuse Inc.
CA81-020M-01 BEL-CA81-020M-01 Datasheet
506Kb / 1P
   Category 8.1 Patch Cords
logo
Pomona Electronics
72920 POMONA-72920 Datasheet
129Kb / 1P
   2mm SAFETY Sheathed Patch Cords
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com