Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDBNC-J-P-GN-RA-BH2 Datasheet(PDF) 1 Page - Samtec, Inc

Part # HDBNC-J-P-GN-RA-BH2
Description  75 廓 HD-BNC??TO 12 GH z
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

HDBNC-J-P-GN-RA-BH2 Datasheet(HTML) 1 Page - Samtec, Inc

  HDBNC-J-P-GN-RA-BH2 Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
75 Ω HD-BNC™ TO 12 GHz
Cable Mates:
RFA6T, RFB6T, RFB8T,
RFC6T, RFC8T
HD-BNC
Cable Connectors
HDBNC-CA
HDBNC
- GENDER - TYPE - PLATING - ORIENTATION - TERMINATION
–J
= Jack
–P
= PCB
Mount
–GN
= 10 µ" (0.25 µm)
Gold contact,
100 µ" (2.54 µm)
Nickel shell
–ST
= Straight
–RA
= Right-angle
–BH1
= Through-hole
–BH2
= Through-hole
(2.36 mm) .093" PCB
(-RA only)
–BM1D
= Die Cast Bulkhead
Mixed Technology for
(1.60 mm) .062" PCB
(-RA only)
–BM2D
= Die Cast Bulkhead
Mixed Technology for
(3.18 mm) .125" PCB
(-RA only)
–EM1
= Edge Mount
(–ST only)
–TH1
= Through-hole
(–ST only),
Three Legs
SERIES
- END1
CONNECTOR
- END2
CONNECTOR
- OVERALL
LENGTH
RFC6T*
= 12G-SDI, Belden 4694R Cable
RFC8T*
= 12G-SDI, Belden 4855R Cable
RFA6T
= RG 6 Cable
RFB6T
= Belden 1694A Cable
RFB8T
= Belden 1855A Cable
–H4SP3
= 75 Ω High-Density BNC Straight Plug
–“XXXX”
= Overall Length in
millimeters
–0300 (300 mm)
11.81" minimum
ALSO AVAILABLE
75 Ω: DIN 1.0/2.3, BNC = RFB6T, RFA6T, RFC6T
75 Ω: DIN 1.0/2.3 = RFB8T, RFC8T
HD-BNC
Cable Assemblies
RFA6T, RFB6T, RFB8T,
RFC6T, RFC8T
CONNECTORS FOR INDUSTRY STANDARD CABLES
HDBNC-P-C-GN-ST-CA6
RG 6, Belden 1694A or Belden 4694R Cable
HDBNC-P-C-GN-ST-CA8
Belden 1855A or Belden 4855R Cable
P-C = Cable Plug
GN = Plating (10 µ" Gold on contact, Nickel on outer contact & shell)
ST = Straight
HD-BNC
Board Connectors
HDBNC-TH,
HDBNC-EM,
HDBNC-BH,
HDBNC-BM
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
samtec.com/HDBNC
–ST–BH1
–RA–BM1D & –BM2D
(BALANCED FOR PICK-AND-PLACE)
–ST–TH1
–CA6
–CA8
Notes:
Designed to meet
SMPTE 2082 12G-SDI
specifications.
Additional plating options available
on Cable Assemblies, Cable
Connectors and Board Connectors.
Contact RFGroup@samtec.com
(7.75)
.305
DIA
(24.05) .947
(24.05) .947
(7.75)
.305
DIA
(20.30) .799
(16.96)
.668
(5.93)
.233 SQ
(6.50)
.256 SQ
(12.25)
.482
(11.70)
.460
(8.00)
.315
(8.50)
.335
(21.50)
.846
(17.50) .689
Supplied with pins and ferrules.
See website with dimensions.
–RA–BH2
–ST–EM1
*Designed to meet SMPTE 2082
12G-SDI specifications.
Designed to meet SMPTE 2082
12G-SDI specifications.
F-221


Similar Part No. - HDBNC-J-P-GN-RA-BH2

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
HDBNC-J-P-GN-RA-BH2 SAMTEC-HDBNC-J-P-GN-RA-BH2 Datasheet
1Mb / 2P
   HD BNC 75 OHM, RA JACK BULKHEAD
02/17/2011
More results

Similar Description - HDBNC-J-P-GN-RA-BH2

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
APH-HDBNCP-J AMPHENOL-APH-HDBNCP-J Datasheet
157Kb / 1P
   ADAPTOR,75 OHM HD-BNC,PLUG TO HD BNC JACK
APH-BNCP-HDBNCJ_1010 AMPHENOL-APH-BNCP-HDBNCJ_1010 Datasheet
116Kb / 1P
   BNC PLUG TO HD-BNC JACK, 75 OHM ADAPTER
APH-BNCJ-HDBNCP_1010 AMPHENOL-APH-BNCJ-HDBNCP_1010 Datasheet
129Kb / 1P
   HD-BNC PLUG TO BNC JACK 75 OHM ADAPTER
APH-BNCJ-HDBNCJ AMPHENOL-APH-BNCJ-HDBNCJ Datasheet
116Kb / 1P
   ADAPTOR, 75 OHM BNC, JACK TO HD BNC JACK
APH-BNCJ-HDBNCP AMPHENOL-APH-BNCJ-HDBNCP Datasheet
150Kb / 1P
   HD BNC PLUG TO BNC JACK 75 OHM ADAPTER
APH-BNCP-HDBNCP_1010 AMPHENOL-APH-BNCP-HDBNCP_1010 Datasheet
121Kb / 1P
   HD BNC PLUG TO BNC PLUG 75 OHM ADAPTER
APH-BNCP-HDBNCJ AMPHENOL-APH-BNCP-HDBNCJ Datasheet
125Kb / 1P
   BNC PLUG TO HD-BNC JACK,75 OHM ADAPTER
APH-BNCP-HDBNCP AMPHENOL-APH-BNCP-HDBNCP Datasheet
151Kb / 1P
   HD BNC PLUG TO BNC PLUG 75 OHM ADAPTER
APH-HDBNCJ-J AMPHENOL-APH-HDBNCJ-J Datasheet
133Kb / 1P
   ADAPTOR,75 OHM HD-BNC,JACK TO JACK
APH-HDBNCP-J_1010 AMPHENOL-APH-HDBNCP-J_1010 Datasheet
132Kb / 1P
   ADAPTOR,75 OHM HD-BNC PLUG TO JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com