Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-100 Datasheet(PDF) 3 Page - 3M Electronics

Part # T-100
Description  3M??Petroleum Sorbents
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

T-100 Datasheet(HTML) 3 Page - 3M Electronics

  T-100 Datasheet HTML 1Page - 3M Electronics T-100 Datasheet HTML 2Page - 3M Electronics T-100 Datasheet HTML 3Page - 3M Electronics T-100 Datasheet HTML 4Page - 3M Electronics T-100 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
March 2015
Product
Number
Size
Number
/ Case
Shipping
Case
Weight
lb (kg)
Nominal
capacity per case
ASTM F 726-81
gallons (liters)
Nominal
capacity per case
ASTM F 726-06
gallons (liters)
Pads
HP-156
high capacity
17 in x 19 in
(43 cm x 48 cm)
100
9 (4.1)
37.5 (142)
26 (98)
HP-157
high capacity
34 in x 38 in
(86 cm x 96 cm)
50
17 (7.7)
75 (280)
51 (193)
HP-255
high capacity
17 in x 19 in
(43 cm x 48 cm)
50
9 (4.1)
33 (120)
19 (72)
HP-556
high capacity
static resistant
17 in x 19 in
(43 cm x 48 cm)
100
9 (4.1)
37.5 (142)
26 (98)
HP-557
high capacity
static resistant
34 in x 38 in
(86 cm x 96 cm)
50
17 (7.7)
75 (280)
52 (196)
MCP
medium capacity
15 in x 17 in
(38 cm x 43 cm)
100
6 (2.8)
18 (68)
13.5 (51)
T-151
17 in x 19 in
(43 cm x 48 cm)
200
21 (9.5)
43.5 (165)
36 (135)
T-156
17 x 19 in
(43 cm x 48 cm)
100
22 (10.0)
40.5 (153)
33 (125)
T-157
34 in x 38 in
(86 cm x 96 cm)
50
40 (18.2)
81 (310)
66 (250)
Rolls
HP-100
high capacity
38 in x 144 ft
(96 cm x 44 m)
1
18 (8.2)
73 (280)
52 (196)
HP-500
high capacity
static resistant
38 in x 144 ft
(96 cm x 44 m)
1
18 (8.2)
73 (280)
53 (199)
MCP
medium capacity
15 in x 150 ft
(38 cm x 45 m)
1
7 (3.1)
19 (72)
14 (53)
MCP
medium capacity
25 in x 150 ft
(63 cm x 45 m)
1
11 (5.1)
30 (114)
22 (83)
T-100
38 in x 144 ft
(96 cm x 44 m)
1
40 (18.2)
84 (320)
67 (254)
T-190
19 in x 144 ft
(48 cm x 44 m)
1
20 (9.1)
42 (160)
34 (127)


Similar Part No. - T-100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T-1000 MACOM-T-1000 Datasheet
126Kb / 1P
   Two-Way Power Divider 10 - 1000 MHz
logo
Rhombus Industries Inc.
T-1000 RHOMBUS-IND-T-1000 Datasheet
37Kb / 1P
   HDSL Application Pulse Transformer
logo
M/A-COM Technology Solu...
T-1000 MA-COM-T-1000 Datasheet
63Kb / 2P
   Two-Way Power Divider, 10 - 1000 MHz
T-1000 MA-COM-T-1000 Datasheet
63Kb / 2P
   Two-Way Power Divider
logo
Bourns Electronic Solut...
T-1000-ALX-SG BOURNS-T-1000-ALX-SG Datasheet
173Kb / 1P
   Sparctube Products
More results

Similar Description - T-100

ManufacturerPart #DatasheetDescription
logo
3M Electronics
30NF 3M-30NF Datasheet
524Kb / 9P
   3M FastbondTM
9969 3M-9969 Datasheet
344Kb / 2P
   3M??Transfer Adhesive Tape featuring 3M??PCAT
9691020000DA 3M-9691020000DA Datasheet
378Kb / 5P
   3M??Shunt
MP180 3M-MP180 Datasheet
764Kb / 1P
   3M??PocketProjector
logo
List of Unclassifed Man...
RYC8220-3M ETC-RYC8220-3M Datasheet
149Kb / 2P
   RYC8220-3M
logo
3M Electronics
AB7000HF 3M-AB7000HF Datasheet
68Kb / 2P
   3M??AB7000HF
2009
441549 3M-441549 Datasheet
1Mb / 4P
   3M??Accessories
C1700SS 3M-C1700SS Datasheet
137Kb / 2P
   3M??MicroTouch??Display
9601026202AR 3M-9601026202AR Datasheet
548Kb / 5P
   3M??Boardmount Socket
9425 3M-9425 Datasheet
61Kb / 5P
   3M Repositionable Tapes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com